Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDK150-830-R Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # FDK150-830-R
Description  Front panel open frame design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

FDK150-830-R Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  FDK150-830-R Datasheet HTML 1Page - Axiomtek Co., Ltd. FDK150-830-R Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
556
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Industrial Panel
Computers &
Monitors
Heavy-duty Fanless
Touch Panel
Computers
Digital
Signage
Solutions
Healthcare
& Medical
Solutions
Open Frame
Panel
Computers
Accessories
© 2013 Axiomtek Co., Ltd. All rights reserved.
Ordering Information
Specifications
Optional OS Installation
Dimensions
Expansion Interface
1 x PCIe Mini Card
Touchscreen
Resistive type (optional)
Power Supply
12/24 VDC
Dimensions
335 mm (13.18") (W) x 60 mm (2.36") (D)
x 261.5 mm (10.29") (H) (FDK150-830-N, without touch)
335 mm (13.18") (W) x 63.8 mm (2.51") (D)
x 261.5 mm (10.29") (H) (FDK150-830-R, with touch)
Packing Dimensions
510 mm (20.08") (W) x 190 mm (7.48") (D) x 540 mm
(21.26") (H)
Weight (net/gross)
3.84 kg (8.46 lb)/6.16 kg (13.58 lb)
Environment
Operating temperature: 0° ~ +50°C (32°F ~ 122°F)
Relative humidity: 10% ~ 95% @ 40°C, non-condensing
Certification
CE
* Specification and certifications are based on options and may vary.
** W.T.: Wide Temperature. All W.T. supported products have to be sorted by Axiomtek.
FDK150-830-N
15" TFT open frame panel computer
FDK150-830-R
15" TFT open frame touch panel computer
50966A23040E
Power adapter, 70W, 110~230VAC to 24VDC
* Specification and certifications are based on options and may vary.
Windows
® XP
Windows
® 7
Linux Kernel 2.6
Side view
Rear view
For dimensions of FDK150-830-R (with touchscreen),
please refer to user manuals.
FDK150-830-N
(without touchscreen)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com