Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC50 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GPC50
Description  50 WATT GLOBAL PERFORMANCE SWITCHERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPC50 Datasheet(HTML) 2 Page - SL Power Electronics

  GPC50 Datasheet HTML 1Page - SL Power Electronics GPC50 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A. Total regulation is defined as the maximum deviation from the nominal voltage for all steady-state conditions of initial voltage setting, input line voltage and
output load.
B. To maintain these regulation conditions, the 5.1 V current must be at least 1/4 of V2 and not greater than 5 times the V2 current.
C. Requires +5 V to be adjusted within ±1% with at least a 0.4 A load to maintain regulation on this output since its centering voltage tracks the V1 adjustment.
D. Requires +5 V to have at least a 0.4 A load.
E. Add “G” suffix to part number for RoHS compliant model. Contact factory for availability.
SL Power Electronics, Inc. 6050 King Drive, Bldg. A, Ventura, Ca 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 Email: condor@condordc.com. Rev. 8/18/2009.
Data Sheet © 2009 SL Power Electrontics Inc. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
GPC50 MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
See individual specs. -40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (C)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (B)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
A. Units should be allowed to warm up/operate under non-condensing
conditions before application of power.
B. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to
2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and
1 hr./axis non-operating.
C. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3
orthogonal axes, total 6 shocks.
Commercial
Model
Output No.
Output
Output
Minimum
Output
Maximum
Output Peak
Noise P-P
Total
Regulation (A)
Notes
GPC50A
1
+5 V
0.4 A
5 A
7 A
50 mV
2%
2
+12 V
0 A
2 A
3 A
120 mV
5%
B,C,D
3
-12 V
0 A
0.5 A
1 A
120 mV
3%
D
GPC50F
1
+5 V
0.4 A
5 A
7 A
50 mV
2%
2
+12 V
0 A
1.2 A
1.5 A
120 mV
3%
D
3
-12 V
0 A
0.5 A
1 A
120 mV
3%
D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com