Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC80 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GPC80
Description  80 Watt Global Single and Multiple Output Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPC80 Datasheet(HTML) 2 Page - SL Power Electronics

  GPC80 Datasheet HTML 1Page - SL Power Electronics GPC80 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL Power Electronics, Inc. 6050 King Drive, Bldg. A, Ventura, CA, 93003, USA. Phone: (805) 486 4565 Fax: (805) 487 8911 Email: sl@slpower.com Rev. 12/06.
Data Sheet © 2006 SL Power Electronics, Inc. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
See individual specs -40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
GPC80/GPM80 MECHANICAL SPECIFICATIONS
* Add “G” suffix to part number for RoHS compliant model. Contact factory for availability.
A. Total regulation is defined as the maximum deviation from the nominal voltage for all steady-state conditions of initial voltage setting, input line voltage and output load.
B. Ratings for unrestricted natural convection cooling; output 1 & 2 combined load not to exceed 14A continuous; total power = 80W.
C. Ratings with 26 cfm forced air cooling; output 1 & 2 combined load not to exceed 16A continuous; total power = 110W.
D. To maintain these regulation conditions, the +5V current must be at least 1/4 of V2 and not greater than 5 times the V2 current. Requires +5V to be adjusted within ±1%
with at least a 1A load to maintain regulation on this input.
E. For Power Fail option, add -PF after the model number.
A. Units should be allowed to warm up/operate under non-condensing
conditions before application of power.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3
orthogonal axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to
2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and 1
hr./axis non-operating.
Commercial
Model
Medical
Model
RoHS
Suffix*
Output No.
Output
Output
Minimum
Output
Maximum (B)
Output
Maximum ( C ) Output Peak
Noise P-P
Total
Regulation (A)
GPC80A
GPM80A
G
1
2
3
4
+5 V
+12 V
-12 V
+12 V
1.0 A
0 A
0 A
0 A
12 A
3 A
1 A
1 A
12 A
4 A
1.2 A
1.2 A
16 A
5 A
1.2 A
1.2 A
50 mV
120 mV
120 mV
120 mV
2%
2%
3%
3%
GPC80B
GPM80B
G
1
2
3
4
+5 V
+12 V
-12 V
-5 V
1.0 A
0 A
0 A
0 A
12 A
3 A
1 A
1 A
12 A
4 A
1.2 A
1.2 A
16 A
5 A
1.2 A
1.2 A
50 mV
120 mV
120 mV
50 mV
2%
2%
3%
3%
GPC80C
GPM80C
G
1
2
3
4
+5 V
+12 V
-15 V
+15 V
1 A
0 A
0 A
0 A
12 A
3 A
1 A
1 A
12 A
4 A
1.2 A
1.2 A
16 A
5 A
1.2 A
1.2 A
50 mV
120 mV
150 mV
150 mV
2%
2%
3%
3%
GPC80D
GPM80D
G
1
2
3
4
+5 V
+24 V
-12 V
+12 V
1 A
0 A
0 A
0 A
12 A
2 A
1 A
1 A
12 A
3 A
1.2 A
1.2 A
16 A
4 A
1.2 A
1.2 A
50 mV
240 mV
120 mV
120 mV
2%
2%
3%
3%
GPC80 E
GPM80E
G
1
2
3
4
+5 V
+24 V
-15 V
+15 V
1 A
0 A
0 A
0 A
12 A
2 A
1 A
1 A
12 A
3 A
1.2 A
1.2 A
16 A
4 A
1.2 A
1.2 A
50 mV
240 mV
150 mV
150 mV
2%
2%
3%
3%
GPC80P
GPM80P
G
1
2
3
4
+5 V
+24 V
-12 V
+12 V
1 A
0.5 A
0 A
0 A
12 A
3.5 A
1 A
2 A
12 A
4.5 A
1.2 A
2 A
16 A
4.5 A
1.2 A
2.5 A
50 mV
400 mV
120 mV
120 mV
2%
+10%/-5% D
3%
3%
GPC80-5
GPM80-5
G
1
5 V
0 A
16 A
20 A
22 A
50 mV
2%
GPC80-12
GPM80-12
G
1
12 V
0 A
6.7 A
9.2 A
9.2 A
120 mV
2%
GPC80-15
GPM80-15
G
1
15 V
0 A
5.3 A
7.3 A
7.3 A
150 mV
2%
GPC80-24
GPM80-24
G
1
24 V
0 A
3.4 A
4.6 A
4.6 A
240 mV
2%
GPC80-28
GPM80-28
G
1
28 V
0 A
2.9 A
3.9 A
3.9 A
280 mV
2%
GPC80-48
GPM80-48
G
1
48 V
0 A
1.7 A
2.3 A
2.3 A
480 mV
2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com