Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT15D40K Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT15D40K
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT15D40K Datasheet(HTML) 2 Page - Advanced Power Technology

  APT15D40K Datasheet HTML 1Page - Advanced Power Technology APT15D40K Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIN
TYP
MAX
40
50
40
70
170
170
2.8
5
510
56
175
1.6
1.6
150
100
UNIT
ns
Amps
nC
Volts
A/
µs
APT15D40K
Characteristic
Reverse Recovery Time, I
F
= 1.0A, di
F
/dt = -15A /
µs, V
R
= 30V, T
J
= 25
°C
Reverse Recovery Time
T
J
= 25
°C
I
F
= 15A, di
F
/dt = -100A /
µs, V
R
= 240V
T
J
= 100
°C
Forward Recovery Time
T
J
= 25
°C
I
F
= 15A, di
F
/dt = 100A /
µs, V
R
= 240V
T
J
= 100
°C
Reverse Recovery Current
T
J
= 25
°C
I
F
= 15A, di
F
/dt = -100A /
µs, V
R
= 240V
T
J
= 100
°C
Recovery Charge
T
J
= 25
°C
I
F
= 15A, di
F
/dt = -100A /
µs, V
R
= 240V
T
J
= 100
°C
Forward Recovery Voltage
T
J
= 25
°C
I
F
= 15A, di
F
/dt = 100A /
µs, V
R
= 240V
T
J
= 100
°C
Rate of Fall of Recovery Current
T
J
= 25
°C
I
F
= 15A, di
F
/dt = -100A /
µs, V
R
= 240V (See Figure 10)
T
J
= 100
°C
DYNAMIC CHARACTERISTICS
Symbol
t
rr1
t
rr2
t
rr3
t
fr1
t
fr2
I
RRM1
I
RRM2
Q
rr1
Q
rr2
V
fr1
V
fr2
diM/dt
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
Package Weight
Maximum Mounting Torque (Screw Type = 6-32 or 3.5mm Machine)
Symbol
RθJC
RθJA
W
T
Torque
MIN
TYP
MAX
1.7
80
0.07
1.9
6.4
0.7
UNIT
°C/W
oz
gm
lb•in
N•m
TO-220AB Package Outline
10.66 (.420)
9.66 (.380)
5.33 (.210)
4.83 (.190)
14.73 (.580)
12.70 (.500)
1.01 (.040) 2-Plcs.
0.38 (.015)
5.33 (.210)
4.83 (.190)
4.82 (.190)
3.56 (.140)
1.39 (.055)
0.51 (.020)
4.08 (.161) Dia.
3.54 (.139)
16.51 (.650)
14.23 (.560)
6.35 (.250)
MAX.
6.85 (.270)
5.85 (.230)
1.77 (.070) 2-Plcs.
1.15 (.045)
2.92 (.115)
2.04 (.080)
3.42 (.135)
2.54 (.100)
0.50 (.020)
0.41 (.016)
Anode
Cathode
Dimensions in Millimeters and (Inches)
Cathode
APT Reserves the right to change, without notice, the specifications and information contained herein.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com