Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC200F Datasheet(PDF) 2 Page - SL Power Electronics

Part # GPC200F
Description  200 Watt Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPC200F Datasheet(HTML) 2 Page - SL Power Electronics

  GPC200F Datasheet HTML 1Page - SL Power Electronics GPC200F Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
65
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GPC200 Commercial/GPM200 Medical 200 Watt Multiple Output
GPC200/GPM200 MECHANICAL SPECIFICATIONS
l
a
i
c
r
e
m
m
o
C
l
e
d
o
M
l
a
c
i
d
e
M
l
e
d
o
M
.
o
N
t
u
p
t
u
O
t
u
p
t
u
O
t
u
p
t
u
O
m
u
m
i
n
i
M
t
u
p
t
u
O
)
B
(
m
u
m
i
x
a
M
t
u
p
t
u
O
)
C
(
m
u
m
i
x
a
M
k
a
e
P
t
u
p
t
u
O
P
-
P
e
s
i
o
N
l
a
t
o
T
)
A
(
n
o
it
a
l
u
g
e
R
A
0
0
2
C
P
G
A
0
0
2
M
P
G
1
2
3
4
V
5
+
V
2
1
+
V
2
1
-
)
D
(
V
2
1
A
4
A
0
A
0
A
0
A
8
1
A
5
A
1
A
3
A
6
2
A
8
A
2
.
1
A
4
A
2
3
A
2
1
A
5
.
1
A
5
.
4
V
m
0
5
V
m
0
2
1
V
m
0
2
1
V
m
0
2
1
%
2
%
2
%
3
%
3
B
0
0
2
C
P
G
B
0
0
2
M
P
G
1
2
3
4
V
5
+
V
2
1
+
V
5
-
)
D
(
V
2
1
A
4
A
0
A
0
A
0
A
8
1
A
5
A
1
A
3
A
6
2
A
8
A
2
.
1
A
4
A
2
3
A
2
1
A
5
.
1
A
5
.
4
V
m
0
5
V
m
0
2
1
V
m
0
5
V
m
0
2
1
%
2
%
2
%
3
%
3
D
0
0
2
C
P
G
D
0
0
2
M
P
G
1
2
3
4
V
5
+
V
4
2
+
V
2
1
-
)
D
(
V
2
1
A
4
A
0
A
0
A
0
A
8
1
A
3
A
1
A
3
A
6
2
A
5
A
2
.
1
A
4
A
2
3
A
5
.
6
A
5
.
1
A
5
.
4
V
m
0
5
V
m
0
4
2
V
m
0
2
1
V
m
0
2
1
%
2
%
2
%
3
%
3
E
0
0
2
C
P
G
E
0
0
2
M
P
G
1
2
3
4
V
5
+
V
4
2
+
V
5
1
-
)
D
(
V
5
1
A
4
A
0
A
0
A
0
A
8
1
A
3
A
1
A
3
A
6
2
A
5
A
2
.
1
A
4
A
2
3
A
5
.
6
A
5
.
1
A
5
.
4
V
m
0
5
V
m
0
4
2
V
m
0
5
1
V
m
0
5
1
%
2
%
2
%
3
%
3
F
0
0
2
C
P
G
F
0
0
2
M
P
G
1
2
3
4
V
5
+
V
2
1
+
V
2
1
-
)
D
(
V
5
A
4
A
0
A
0
A
0
A
8
1
A
5
A
1
A
3
A
6
2
A
8
A
2
.
1
A
4
A
2
3
A
2
1
A
5
.
1
A
5
.
4
V
m
0
5
V
m
0
2
1
V
m
0
2
1
V
m
0
5
%
2
%
2
%
3
%
3
A.Total regulation is defined as the maximum deviation from the nominal voltage for all steady-state conditions of initial voltage setting, input line voltage and output load.
B.Ratings for unrestricted natural convection cooling;outputs 1 & 2 combined load not to exceed 22A continuous;total power -150W.
C.Ratings with 26cfm forced air cooling;outputs 1 & 2 combined load not to exceed 32A continuous;total power -200W.
D.Isolated output which may be referenced as a positive or negative voltage.
A. Units should be allowed to warm up/operate under non-condensing conditions
before application of power.
B. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to 2000Hz, 3
orthogonal axes.Tested for 10 min./axis operating and 1 hr./axis non-operating.
C. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3 orthogonal axes,
total 6 shocks.
l
a
t
n
e
m
n
o
r
i
v
n
E
n
o
i
t
a
c
i
f
i
c
e
p
S
g
n
i
t
a
r
e
p
O
g
n
i
t
a
r
e
p
o
-
n
o
N
)
A
(
e
r
u
t
a
r
e
p
m
e
Ts
c
e
p
s
l
a
u
d
i
v
i
d
n
i
e
e
S5
8
+
o
t
0
4
-
oC
)
A
(
y
t
i
d
i
m
u
HH
R
%
5
9
o
t
0H
R
%
5
9
o
t
0
)
B
(
k
c
o
h
Sg
0
2
k
p
g
0
4
k
p
e
d
u
t
i
t
l
At
f
0
0
0
,
0
1
o
t
0
0
5
-t
f
0
0
0
,
0
4
o
t
0
0
5
-
)
C
(
n
o
i
t
a
r
b
i
Vg
5
.
1
s
m
r
g
3
0
0
.
0
,
2
z
H
/g
5
s
m
r
g
6
2
0
.
0
,
2
z
H
/



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com