Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT15D60B Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT15D60B
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT15D60B Datasheet(HTML) 2 Page - Advanced Power Technology

  APT15D60B Datasheet HTML 1Page - Advanced Power Technology APT15D60B Datasheet HTML 2Page - Advanced Power Technology APT15D60B Datasheet HTML 3Page - Advanced Power Technology APT15D60B Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MIN
TYP
MAX
40
50
40
80
170
170
2.5
5
36
50
120
2.2
2.2
200
100
UNIT
ns
Amps
nC
Volts
A/
µs
APT15D60B
Characteristic
Reverse Recovery Time, I
F
= 1.0A, di
F
/dt = -15A /
µs, V
R
= 30V, T
J
= 25
°C
Reverse Recovery Time
T
J
= 25
°C
I
F
= 15A, di
F
/dt = -100A /
µs, V
R
= 350V
T
J
= 100
°C
Forward Recovery Time
T
J
= 25
°C
I
F
= 15A, di
F
/dt = 100A /
µs, V
R
= 350V
T
J
= 100
°C
Reverse Recovery Current
T
J
= 25
°C
I
F
= 15A, di
F
/dt = -100A /
µs, V
R
= 350V
T
J
= 100
°C
Recovery Charge
T
J
= 25
°C
I
F
= 15A, di
F
/dt = -100A /
µs, V
R
= 350V
T
J
= 100
°C
Forward Recovery Voltage
T
J
= 25
°C
I
F
= 15A, di
F
/dt = 100A /
µs, V
R
= 350V
T
J
= 100
°C
Rate of Fall of Recovery Current
T
J
= 25
°C
I
F
= 15A, di
F
/dt = -100A /
µs, V
R
= 350V (See Figure 10)
T
J
= 100
°C
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (SECONDS)
Figure 1, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
DYNAMIC CHARACTERISTICS
Symbol
t
rr1
t
rr2
t
rr3
t
fr1
t
fr2
I
RRM1
I
RRM2
Q
rr1
Q
rr2
V
fr1
V
fr2
diM/dt
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
Package Weight
Maximum Mounting Torque (Screw Type = 6-32 or 3.5mm Machine)
Symbol
RθJC
RθJA
W
T
Torque
MIN
TYP
MAX
2.0
40
0.22
6.1
10
1.1
UNIT
°C/W
oz
gm
lb•in
N•m
NOTE:
DM
JC
C
J=+
DUTY FACTOR D = t12
/
PEAK T
P
x Z
T
t
2
t
t1
3.0
1.0
0.5
0.1
0.05
0.01
0.005
D=0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com