Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4007G Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # 4007G
Description  GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

4007G Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  4007G Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 4007G Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.3 --TYPICAL INSTANTANEOUS FORWARD
FIG.4--TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.2 --PEAK FORWARD SURGE CURRENT
AMBIENT TEMPERATURE,
FIG.1 -- FORWARD CURRENT DERATING CURVE
REVERSE VOLTAGE,VOLTS
PERCENTOF RATED PEAK REVERSE VOLTAGE,%
FIG.5--TYPICAL JUNCTION CAPACITANCE
1
.1
1.0
.4
TJ=25
2
4
6
10
40
20
100
60
200
.2
2
4
10
20
40
100
UF4001G-UF4004G
UF4005G-UF4007G
    
TJ=50
0.1
1
0
20 40
60 80 100 120 140
100
10
    
TJ=25
1000
    
TJ=50
1.0
2.0
0
50
100
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0
175
25
125
75
0
30
1
10
100
20
5
5 0
10
40
50
8.3ms Single Half
Sine-Wave
.01
.4 .6
.8
1.0 1.2 1.4 1.6 1.8
10
1.0
100
.2
2.0
UF4001G-4004G
UF4005G-4007G
0.1
UF4001G---UF4007G
GALAXY ELECTRICAL
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD.     WWW.SDDZG.COM  TEL:0536-2210359



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com