Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC20 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GSC20
Description  20 WATT GLOBAL PERFORMANCE SWITCHERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GSC20 Datasheet(HTML) 2 Page - SL Power Electronics

  GSC20 Datasheet HTML 1Page - SL Power Electronics GSC20 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL Power Electronics, Inc. 6050 King Drive, Bldg. A, Ventura, CA 93003 USA. Phone:(805) 486 4565 Fax:(805) 487 8911 Email: info@slpower.com. Rev. 7/07.
Data Sheet © 2007 SL Power Electronics, Inc. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
GSC20 MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
See Individual Specs. -40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
A. Units should be allowed to warm up/operate under non-condensing
conditions before application of power.
B. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to
2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and
1 hr./axis non-operating.
C. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction,
3 orthogonal axes, total 6 shocks.
Commercial
Model
Output
Current
Load
Regulation
Initial Setpoint
Tolerance
OVP
Setpoint
Ripple and
Noise
GSC20-5
5.1 V
3.8 A
0.75%
2.5%
6.2 ± 0.6 V
1.4%
GSC20-12
12 V
1.7 A
0.75%
2.5%
14 ± 1.1 V
1%
GSC20-15
15 V
1.4 A
0.75%
2.5%
18.5 ± 1.5 V
1%
GSC20-24
24 V
0.85 A
0.75%
2.5%
28 ± 2.5 V
1%
GSC20-28
28 V
0.7 A
0.75%
2.5%
34 ± 2.8 V
1%
* Add G suffix to model number for RoHS compliant model.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com