Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFO2175-830-FL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # IFO2175-830-FL
Description  Fanless and noiseless operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IFO2175-830-FL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  IFO2175-830-FL Datasheet HTML 1Page - Axiomtek Co., Ltd. IFO2175-830-FL Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
429
I/O cover
1. Brightness adjust buttons
2. Volume adjust buttons
3. Power LED
4. Power switch
5. Power connector
6. COM 1 (RS-232/422/485)
7. COM 2 (RS-232)
8. VGA
9. Ethernet
10. USB 2.0 x 2
11. Audio (Line-out)
12. USB 2.0 x2
13. COM 3 (RS-232)
14. COM 4 (RS-232)
Camera
IFO2175-830-FL
17" TFT Fanless Touch Panel Computer with
Intel
® AtomProcessor N270
17" high brightness (380 nits) SXGA TFT LCD
Intel
® Atom™ processor N270 1.6 GHz
Water/dust-proof design (front bezel: IP65, full enclosure:
IPX1)
Fanless and noiseless operation
Optional 1.3 mega pixels camera
Optional Bluetooth/internal WiFi (802.11 b/g)
Introduction
Specifications
The IFO2175-830-FL is a slim panel computer equipped with a 17-inch 380 nits SXGA
LCD display and supports superior Intel
® Atom™ processor N270. Powered by Intel®
945GSE+ICH7M core logic chipset with maximum 256 MB sharing graphics memory,
this panel computer has better graphics performance. The panel computer also supports
DualView and multiple I/O options including 4 USB 2.0, and 4 RS-232 ports. The built-in 1.3
mega pixels camera and speakers can provide a solution for VoIP and remote monitoring.
The IFO2175-830-FL also supports an antenna for 802.11b/g wireless connectivity. The
Gigabit Ethernet port can provide superior high speed of Ethernet. It features low noise,
low power consumption, high reliability and high performance. Its excellent industrial
design (ID) and user friendly interface design make the IFO2175-830 safe, reliable & user-
friendly panel computer. Best suited for infotainment, media content display and DSA
solutions.
Water/dust-proof design for entire system: IPX1
The IPX1-rated water/dust-proof housing protects the entire system from outside
damage of water drip in public maintenance and re-installation place. This unique design
improves system stability and save maintenance and re-installation time.
Front Bezel
Plastic ABS (Black)
LCD Panel
Display Type
17" SXGA TFT
Brightness (cd/m
2)
380 nits
Resolution
1280 x 1024
Viewing Angle (H/V) 160°/160°
Main System
CPU
Intel
® Atom™ processor N270 1.6
GHz
Chipset
Integrated in Intel 945GSE + ICH7M
System Memory
1 x DDR2 SO-DIMM max. up to 2 GB
BIOS
AMI BIOS with SmartView and
customer CMOS backup
Storage
1 x 2.5" SATA HDD (optional)
1 x CompactFlash™
Optical Drive
1 x Super Multi drive (optional)
Watchdog Timer
255 levels, 1~255 sec.
Onboard
Integrated in Intel
® 945GSE; max.
Graphics
memory shared 256 MB
Features
1
7
9
2
3
4
IPX1
IP65
Fanless
Low Power
DualView
Rear view
5
6
8
10
11
12
13
14


Similar Part No. - IFO2175-830-FL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IFO2175-850-FL AXIOMTEK-IFO2175-850-FL Datasheet
402Kb / 2P
Fanless and noiseless operation
IFO2175-873 AXIOMTEK-IFO2175-873 Datasheet
515Kb / 2P
Supports optional wall mount, VESA arm and desktop stand
IFO2175-873-NP-DRW AXIOMTEK-IFO2175-873-NP-DRW Datasheet
635Kb / 2P
Optional one PCI or PCIe x4 expansion slot
IFO2175-873 AXIOMTEK-IFO2175-873_16 Datasheet
635Kb / 2P
Optional one PCI or PCIe x4 expansion slot
IFO2175-873 AXIOMTEK-IFO2175-873_17 Datasheet
640Kb / 2P
17 SXGA TFT Fanless Super Slim Touch Panel Computer with 3rd Generation Intel
More results

Similar Description - IFO2175-830-FL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IFO2175-850-FL AXIOMTEK-IFO2175-850-FL Datasheet
402Kb / 2P
Fanless and noiseless operation
IFO2225-830-FL AXIOMTEK-IFO2225-830-FL Datasheet
335Kb / 2P
Fanless and noiseless operation
NA-320FL AXIOMTEK-NA-320FL Datasheet
259Kb / 1P
Supports fanless and noiseless operation
NA-813FL AXIOMTEK-NA-813FL Datasheet
211Kb / 1P
Supports fanless and noiseless operation
logo
Murata Manufacturing Co...
PRF18BE471RB1RB MURATA-PRF18BE471RB1RB Datasheet
197Kb / 3P
contactless operation provides noiseless operation
PRF18BE471RS2RB MURATA-PRF18BE471RS2RB Datasheet
207Kb / 3P
contactless operation provides noiseless operation
PRF18BF471RS5RB MURATA-PRF18BF471RS5RB Datasheet
207Kb / 3P
contactless operation provides noiseless operation
PRF21AR471QB1RA MURATA-PRF21AR471QB1RA Datasheet
196Kb / 3P
contactless operation provides noiseless operation
PRF21BA471QB1RA MURATA-PRF21BA471QB1RA Datasheet
196Kb / 3P
contactless operation provides noiseless operation
logo
Axiomtek Co., Ltd.
NA813FL AXIOMTEK-NA813FL Datasheet
252Kb / 1P
Supports fanless and noiseless operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com