Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFO2175-850-FL Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # IFO2175-850-FL
Description  Fanless and noiseless operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IFO2175-850-FL Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  IFO2175-850-FL Datasheet HTML 1Page - Axiomtek Co., Ltd. IFO2175-850-FL Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
432
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Industrial Panel
Computers &
Monitors
Heavy-duty Fanless
Touch Panel
Computers
Digital
Signage
Solutions
Healthcare
& Medical
Solutions
Open Frame
Panel
Computers
Accessories
© 2013 Axiomtek Co., Ltd. All rights reserved.
I/O Connectors
2 x RS-232 (COM 1/2)
1 x RS-232 (COM 3)
2 x USB 2.0
2 x PS/2 mouse and keyboard
1 x Audio (Mic-in/Line-out)
1 x VGA
2 x 10/100/1000Mbps Ethernet
Camera
1 x 1.3 mega pixels camera
Touchscreen
Resistive type
Light transmission: 80%
Touch lifespan: 35 million touches
Power Supply
12VDC with AC-DC power adaptor
Dimensions
437.98 mm (17.24") (W) x 76.5 mm (3.01") (D)
x 376.41 mm (14.81") (H)
Packing Dimensions
610 mm (24.02") (W) x 260 mm (10.24") (D)
x 590 mm (23.23") (H)
Weight (net/gross)
7.65 kg (16.85 lb)/9 kg (19.84 lb)
Environment
Operating temperature: 0° ~ +40°C (32°F ~ 104°F)
Storage Temperature:-20°C ~ +60°C (-4°F ~ +140°F)
Relative humidity: 10% ~ 95%, non-condensing
Certification
CE
E202003330
VM-101 VESA ARM (clamp type)
E202003329
VM-105 VESA ARM (wall mount type)
E222175103
17" stand kit
Ordering Information
Specifications
Optional Accessories
Optional OS Installation
Dimensions
IFO2175-850
-FL-AC-DVDRW
17" SXGA TFT socket P high brightness fanless panel
computer with resistive T/S, slim Super Multi drive and
camera
IFO2175-850
-FL-AC
17" SXGA TFT socket P high brightness fanless panel
computer with resistive T/S (w/o Super Multi drive and
camera)
* Specification and certifications are based on options and may vary.
* Super Multi drive includes DVD-R, DVD-RW and DVD-RAM.
Windows
® XP
Windows
® 7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com