Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC121 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # IPC121
Description  1 PCI or 1 PCIe slot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC121 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  IPC121 Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC121 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
318
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
Ordering Information
Packing List
Dimensions
1 x IPC121 with IMB203VGGA
1 x 250W ATX power supply w/o power cord
1 x CPU heatsink (up to TDP 95 W CPU support)
1 x utility CD
2 x SATA2 cable
1 x PCIe riser card or 1 x PCI riser card
IPC121-PCIe
(P/N: E26G121100)
Super slim 1U LGA775 socket Intel
® Core™2 Duo/ Core™2
Quad industrial barebone system with ATX 250W and PCIe
slot
IPC121-PCI
(P/N: E26G121101)
Super slim 1U LGA775 socket Intel
® Core™2 Duo/ Core™2
Quad industrial barebone system with ATX 250W and PCI
slot
*Specifications and certifications are based on options and may vary.
Power Protection
AC Version
OPP (total power protection)
OVP (over voltage protection)
SCP (short circuit protection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com