Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG6-CATV Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # RG6-CATV
Description  75 Ohm Flexible RG6-CATV Coax Cable Triple Shielded with Black PVC(NC) Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG6-CATV Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  RG6-CATV Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG6-CATV Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG6-CATV Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +80
Inner Conductor
Number of Strands
1
Material
Copper
Diameter, in [mm]
0.04 [1.02]
Dielectric:
Type
PE (F)
Diameter, in [mm]
0.18 [4.57]
Shield:
Number of
3
Material 1
Aluminum Foil
Material 2
Aluminum Braid
Material 3
Aluminum Foil
Diameter, in [mm]
0.22 [5.59]
Jacket:
Material
PVC (NC)
Diameter, in [mm]
0.275 [6.99]
Color
Black
One Time Minimum Bend Radius, in [mm]
1.37 [34.8]
Weight, lbs/ft [Kg/m]
0.033 [0.05]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm Flexible RG6-CATV Coax Cable Triple Shielded with Black PVC (NC) Jacket from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Flexible RG6-CATV Coax Cable Triple Shielded with Black PVC (NC) Jacket RG6-
CATV
URL: http://www.pasternack.com/flexible-0.275-rg6-catv-75-ohm-coax-cable-pvc-jacket-rg6-catv-p.aspx
RG6-CATV
RG6-CATV REV
75 Ohm Flexible RG6-CATV Coax Cable Triple
Shielded with Black PVC (NC) Jacket



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com