Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG179 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # RG179
Description  75 Ohm Flexible RG179 Coax Cable Single Shielded with Tan FEP Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG179 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  RG179 Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG179 Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG179 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm Flexible RG179 Coax Cable Single Shielded with Tan FEP Jacket
Configuration
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Shield Materials
Silver Plated Copper Braid
Jacket Material and Color
FEP, Tan
Electrical Specifications
Impedance, Ohms
75
Capacitance, pF/ft [pF/m]
23 [75.46]
Maximum Operating Voltage, Volts
900
Electrical Specifications by Frequency
Frequency 1
Frequency, MHz
100
Power Handling, Watts
880
Frequency 2
Frequency, MHz
400
Attenuation, dB/100ft [dB/100m]
21 [68.9]
Power Handling, Watts
420
Frequency 3
Frequency, MHz
1000
Power Handling, Watts
260
Mechanical Specifications
Temperature
Inner Conductor
Number of Strands
7
Material
Copper Clad Steel
Plating
Silver
Diameter, in [mm]
0.012 [0.3]
Dielectric:
Type
PTFE
Diameter, in [mm]
0.063 [1.6]
75 Ohm Flexible RG179 Coax Cable Single
Shielded with Tan FEP Jacket
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Flexible RG179 Coax Cable Single Shielded with Tan FEP Jacket RG179B/U
RG179B/U
RG179B/U REV


Similar Part No. - RG179

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
RG179 HARWIN-RG179 Datasheet
442Kb / 14P
Component Specification M80 & M83 Series Rectangular Connectors
November 2022
logo
Qualwave Inc. All right...
RG179 QUALWAVE-RG179 Datasheet
119Kb / 1P
Flexible RF Cables & Assemblies
Rev 1.1
logo
Multicomp Pro
RG179 MULTICOMP-RG179 Datasheet
153Kb / 1P
Coax Cable
09/12/20 V1.0
More results

Similar Description - RG179

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-P195 PASTERNACK-PE-P195 Datasheet
239Kb / 3P
Low Loss Flexible RG142 Type Coax Cable Triple Shielded with Tan FEP Jacket
RG180B-U PASTERNACK-RG180B-U Datasheet
1Mb / 3P
95 Ohm Flexible RG180 Coax Cable Single Shielded with Tan FEP Jacket
RG302-U PASTERNACK-RG302-U Datasheet
1Mb / 3P
75 Ohm Flexible RG302 Coax Cable Single Shielded with Tan FEP Jacket
RG142B-U PASTERNACK-RG142B-U Datasheet
277Kb / 3P
Flexible RG142 Coax Cable Double Shielded with Tan FEP Jacket
RG178B-U PASTERNACK-RG178B-U Datasheet
360Kb / 3P
Flexible RG178 Coax Cable Single Shielded with Tan FEP Jacket
RG303-U PASTERNACK-RG303-U Datasheet
1Mb / 3P
Flexible RG303 Coax Cable Single Shielded with Tan FEP Jacket
RG316-DS PASTERNACK-RG316-DS Datasheet
283Kb / 3P
Flexible RG316 Coax Cable Double Shielded with Tan FEP Jacket
RG316-U PASTERNACK-RG316-U Datasheet
382Kb / 4P
Flexible RG316 Coax Cable Single Shielded with Tan FEP Jacket
RG393-U PASTERNACK-RG393-U Datasheet
395Kb / 3P
Flexible RG393 Coax Cable Double Shielded with Tan FEP Jacket
RG400-U PASTERNACK-RG400-U Datasheet
281Kb / 3P
Flexible RG400 Coax Cable Double Shielded with Tan FEP Jacket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com