Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT20M13PVR Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT20M13PVR
Description  Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT20M13PVR Datasheet(HTML) 2 Page - Advanced Power Technology

  APT20M13PVR Datasheet HTML 1Page - Advanced Power Technology APT20M13PVR Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
DYNAMIC CHARACTERISTICS
Symbol
C
iss
C
oss
C
rss
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
Test Conditions
V
GS
= 0V
V
DS
= 25V
f = 1 MHz
V
GS
= 10V
V
DD
= 0.5 V
DSS
I
D
= I
D[Cont.]
@ 25
°C
V
GS
= 15V
V
DD
= 0.5 V
DSS
I
D
= I
D[Cont.]
@ 25
°C
R
G
= 0.6
Ω
MIN
TYP
MAX
18000
4100
1350
630
95
290
20
40
75
10
UNIT
pF
nC
ns
APT20M13PVR
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller ") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Characteristic / Test Conditions
Continuous Source Current (Body Diode)
Pulsed Source Current 1 (Body Diode)
Diode Forward Voltage 2 (V
GS
= 0V, I
S
= -I
D[Cont.]
)
Reverse Recovery Time (I
S
= -I
D[Cont.]
, dl
S
/dt = 100A/
µs)
Reverse Recovery Charge (I
S
= -I
D[Cont.]
, dl
S
/dt = 100A/
µs)
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
UNIT
Amps
Volts
ns
µC
MIN
TYP
MAX
146
584
1.5
460
7
1 Repetitive Rating: Pulse width limited by maximum junction
3 See MIL-STD-750 Method 3471
temperature.
4 Starting Tj = +25°C, L = .34mH, RG = 25Ω, Peak IL =146A
2 Pulse Test: Pulse width < 380
µS, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
THERMAL CHARACTERISTICS
Symbol
RθJC
RθJA
MIN
TYP
MAX
0.20
40
UNIT
°C/W
Characteristic
Junction to Case
Junction to Ambient
P-Pack Package Outline
29.34 (1.155)
29.08 (1.145)
35.81 (1.41)
35.31 (1.39)
51.05 (2.01)
50.55 (1.99)
3.43 (.135)
2.92 (.115)
(4-Places)
11.63 (.458)
11.13 (.438)
12.45 (.490)
11.94 (.470)
35.18 (1.385)
34.67 (1.365)
41.53 (1.635)
41.02 (1.615)
3.43 (.135)
2.92 (.115)
(4-Places)
5.33 (.210)
4.83 (.190)
1.40 (.055)
1.02 (.040)
9.27 (.365)
8.64 (.340)
.635 (.025)
.381 (.015)
4.39 (.173)
4.14 (.163)
(4 Places)
Dimensions in Millimeters and (Inches)
28.70 (1.130)
28.45 (1.120)
4.06 (.160)
3.81 (.150)
(5 Places)
10.92 (.430)
10.67 (.420)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com