Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM60 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GXM60
Description  60 Watt-Range Input High Efficiency Desk-Top Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GXM60 Datasheet(HTML) 2 Page - SL Power Electronics

  GXM60 Datasheet HTML 1Page - SL Power Electronics GXM60 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
107
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GXM60 Medical Single Output
l
a
c
i
d
e
M
l
e
d
o
M
t
u
p
t
u
O
)
V
(
t
n
e
r
r
u
C
)
I
(
)
1
(
l
a
i
t
i
n
I
t
n
i
o
P
t
e
S
l
a
t
o
T
n
o
i
t
a
l
u
g
e
R
t
u
p
t
u
O
s
s
e
n
r
a
H
e
t
o
m
e
R
e
s
n
e
S
/
e
l
p
p
i
R
e
s
i
o
N
1
1
A
5
-
0
6
M
X
G
V
5A
1
1%
2%
1x
e
l
o
Ms
e
Y%
5
.
1
GM
X1
0
A
2
1
-
0
6
V
2
1A
0
.
5%
2%
1m
m
1
.
2o
N%
1
1
0
A
5
1
-
0
6
M
X
G
V
5
1A
0
.
4%
2%
1m
m
1
.
2o
N%
1
1
0
A
4
2
-
0
6
M
X
G
V
4
2A
5
.
22%
1%
m
m
1
.
2o
N%
1
1
0
A
8
2
-
0
6
M
X
G
V
8
2A
2
.
22%
%
1m
m
1
.
2o
N%
1
GM
X1
0
A
6
3
-
0
6
V
6
37
.
1A
%
2%
11
.
2m
mo
N%
1
Notes: 1) Initial set point without load.Total regulation shown includes cable losses. When selecting cable options without remote sense, cable drop should be considered.
n
o
i
t
p
O
g
u
l
P
/
d
r
o
C
t
u
p
t
u
O
g
u
l
P
/
e
l
b
a
C
.
o
N
g
n
i
t
a
R
m
u
m
i
x
a
M
1
0.
a
g
8
1
,
.
D
.
I
m
m
1
.
2
,
.
D
.
O
m
m
6
.
5
r
a
l
u
c
r
i
C
.
x
a
m
V
0
8
,
A
5
2
0.
a
g
8
1
,
.
D
.
I
m
m
5
.
2
,
.
D
.
O
m
m
6
.
5
r
a
l
u
c
r
i
C
.
x
a
m
V
0
8
,
A
5
3
0.
a
g
8
1
,
e
l
g
n
a
T
R
,
.
D
.
I
m
m
1
.
2
,
.
D
.
O
m
m
6
.
5
r
a
l
u
c
r
i
C
.
x
a
m
V
0
8
,
A
5
4
0.
a
g
8
1
,
e
l
g
n
a
T
R
,
.
D
.
I
m
m
5
.
2
,
.
D
.
O
m
m
6
.
5
r
a
l
u
c
r
i
C
.
x
a
m
V
0
8
,
A
5
5
0d
e
d
l
e
i
h
s
,
.
a
g
8
1
,
.
D
.
I
m
m
1
.
2
,
.
D
.
O
m
m
6
.
5
r
a
l
u
c
r
i
C
.
x
a
m
V
0
8
,
A
5
6
0d
e
d
l
e
i
h
s
,
.
a
g
8
1
,
.
D
.
I
,
m
m
5
.
2
,
.
D
.
O
m
m
6
.
5
r
a
l
u
c
r
i
C
.
x
a
m
V
0
8
,
A
5
7
0.
a
g
0
2
N
I
D
i
n
i
M
.
x
a
m
V
6
3
,
A
6
8
0d
e
d
l
e
i
h
s
.
a
g
0
2
N
I
D
i
n
i
M
.
x
a
m
V
6
3
,
A
6
9
0g
u
l
p
N
I
D
.
a
g
0
2
n
i
P
5
.
x
a
m
V
6
3
,
A
6
0
1d
e
d
l
e
i
h
s
,
g
u
l
p
N
I
D
.
a
G
0
2
n
i
P
5
.
x
a
m
V
6
3
,
A
6
1
1.
a
g
8
1
,
t
i
F
-
i
n
i
M
x
e
l
o
M
.
x
a
m
V
0
8
4
,
A
1
1
2
1N
I
D
r
e
w
o
P
.
x
a
m
V
0
2
,
A
1
1
3
1d
e
d
l
e
i
h
s
,
.
N
I
D
r
e
w
o
P
.
x
a
m
V
0
2
,
A
1
1
MECHANICAL SPECIFICATIONS
MODEL NUMBER CONFIGURATION
OutputVoltages:
Units are available standard with any
output voltage from 5 to 35 Vdc in 1.0
increments. Also available in 0.1
increments data custom order.
Typical Standard Model Configurations:
GXM60-XXXXX
Output Cable/Plug Option
Number
Case Color:
A = Beige
B = Black



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com