Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS15 Datasheet(PDF) 2 Page - SL Power Electronics

Part # LS15
Description  Series Line Splitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LS15 Datasheet(HTML) 2 Page - SL Power Electronics

  LS15 Datasheet HTML 1Page - SL Power Electronics LS15 Datasheet HTML 2Page - SL Power Electronics LS15 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LS15
Series Line Splitter
PoE
For the most current data and application support visit www.slpower.com
Output
Output Current
Output
Efficiency
Ault Part Number
Voltage
Per IEEE 802.3AF*
Power
(with cable)
LS15-05
5VDC
2.00A
10.0W
480mV
LS15-12
12VDC
0.90A
10.8W
480mV
LS15-24
24VDC
.475A
11.4W
480mV
2 of 3
SL Power Electronics Corp. • 6050 King Drive • Ventura, CA 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com
*PowerlimitedperInputrequirementsofIEEE802.3afTable33-12.I-portMax=350mA@V-port=37V./I-portMax=260mA@V-port=57V
Higheroutputsavailablefornon-compliantsystems
Notes
Outline Configuration



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com