Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MENB1010 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MENB1010
Description  Medical Switch-Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MENB1010 Datasheet(HTML) 2 Page - SL Power Electronics

  MENB1010 Datasheet HTML 1Page - SL Power Electronics MENB1010 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ref. Certif. No.
Add ional information (if necessary)
Infor ation complémentaire (si nécessaire)
UL International Demko A/S
Date
Signature:
it
m
:
Tel: +45 44856565, Fax: +45 44856500
Lyskaer 8, P.O. Box 514, DK-2730 Herlev, Denmark
DK-17304-A1
Model/Type Reference:
JMW118(a)(b)(c)(d)(e)(f), MW172(a)(b)(c)(d)(e)(f), JMW110(a)(b)(c)(d)(e)(f),
MW170(a)(b)(c)(d)(e)(f).
(a) can be A to Z for customer option(only used models JMW110 and MW170
Series).
(a) can be K or C for manufacturing locations(only used models JMW118 and
MW172 Series)
(b) can be A to Z for design revision changes.
(c) can be 03, 05, 06, 09, 12, 14, 15, 18, 24 for output voltage.
(d) can be 00 to 99 for the design of output metal connector.
(e) can be F or N or B or H or G or M or C or E for input plug type. See
Enclosure-Photographs for each plug-type configuration [F-Class I appliance
inlet type, N-Class II appliance inlet type, MW172KB2400F02 or B or C means
direct-plug-in for North America, China , Japan, Changeable Direct plugin type,
H-Class I or Class II direct-plug-in for Australia(AS/NZS 3112) , G-Class I or
Class II direct-plug-in for British(BS 1364) , M-CIass I or Class II direct-plug-in
for European(CEE 7/16)]. C- Changeable Direct plug-in type for National
markets for Model JMW series only. E-CIass I & Class II direct-plug-in for
France. (f) can be 00 to 99 for customer options.
Rating(s):
(For JMW118 and MW172 Series) Rated Input: 100-240 Vac, 50-60Hz, 0.5A.
Rated Output: +3.3Vdc/3.0A or +5 Vdc/3.0A or +6Vdc/2.5A or +9.0 Vdc/2.0A or
+12.0 Vdc/1.5A or +15.0Vdc/1.2A or +18.0Vdc/1.0A or +24.0Vdc/0.75A.
(For JMW110 and MW170 Series) Rated Input: 100-240 Vac, 50-60Hz, 0.4A.
Rated Output: +3 Vdc/ 1.5A or +5 Vdc/2.0A or +6Vdc/1.67A or +9.0 Vdc/1.5A
or +12.0 Vdc/1.25A or +12Vdc/0.6A or +14.0Vdc/0.85A or +15.0Vdc/1.0A or
+18.0Vdc/0.84A or +24.0Vdc/0.63A.
(Rated output voltage is designated in the model name designation system).
Factories:
BRIDGEPOWER CORP
964 GOSAEK-DONG GWONSEON-GU
SUWON-SI GYEONGGI-DO 441-813 KOREA
WENDENG JEIL ELECTRONICS CO LTD
DONG SHOU GUANGZHOU LU KAIFA-QU
WENDENG-SHI SHANDONG CHINA
2010-01-07
Jan-Erik Storgaard
Certification manager



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com