Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MENB1040 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MENB1040
Description  Medical Switch-Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MENB1040 Datasheet(HTML) 2 Page - SL Power Electronics

  MENB1040 Datasheet HTML 1Page - SL Power Electronics MENB1040 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
______________________________________________________________________________________________________________________________ 2 of 2
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
101
61
34
Model Number
Volts (V)
Output Current (max)
Max Watts
Ripple (Vp-p max)
MENB1040A0503F01
5 V
5.00 A
25.0 W
50mV
MENB1040A0903F01
9 V
4.00 A
36.0 W
90mV
MENB1040A1203F01
12 V
3.40 A
40.8 W
120mV
MENB1040A1503F01
15 V
2.76 A
40.5 W
150mV
MENB1040A1803F01
18 V
2.20 A
39.6 W
180mV
MENB1040A2403F01
24 V
1.70 A
40.8 W
240mV
Notes: Part numbers above include #3 output connector and IEC320 C14 grounded input receptacle. See below for other options.
Model
"A" = Original Configuration
Product Fam ily:
"M" = Medical, "E" = External, "NB" = Model Series Designator
Output Pow er:
"040" = 40 Watts
# of Outputs
"1" = Single Output
"01" = Standard. "02" and higher indicates a m odified m odel.
Model
Output Voltage:
"05" = 5Vdc, "12" = 12Vdc, "24" = 24Vdc, etc.
Input Connector:
"F" = IEC320 C14 grounded, Other options available, see next page.
Output Connector: "03" = 2.5m m Barrel Type Connector. Other options available, contact factory.
Model Number Key
VV 03
MENB
01
1 040 A
F
IEC320 - C14
IEC320 - C18
IEC320 - C8
Class I
Class II
Class II
Grounded (F) Ungro unded (Q)
"Shaver" (N)
Input Receptacle Options
Output Connector
Outline Drawing
Dimensions are in mm
Data Sheet © 2010 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication.
Rev. 12-22-2010
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
Medical Switch Mode Power Supply
3 Year Warranty
MENB1040
Universal 40 Watt Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com