Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT2X100D60J Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT2X100D60J
Description  ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT2X100D60J Datasheet(HTML) 4 Page - Advanced Power Technology

  APT2X100D60J Datasheet HTML 1Page - Advanced Power Technology APT2X100D60J Datasheet HTML 2Page - Advanced Power Technology APT2X100D60J Datasheet HTML 3Page - Advanced Power Technology APT2X100D60J Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Anode 1
31.5 (1.240)
31.7 (1.248)
Dimensions in Millimeters and (Inches)
7.8 (.307)
8.2 (.322)
30.1 (1.185)
30.3 (1.193)
38.0 (1.496)
38.2 (1.504)
14.9 (.587)
15.1 (.594)
11.8 (.463)
12.2 (.480)
8.9 (.350)
9.6 (.378)
Hex Nut M4 H100
(4 places)
0.75 (.030)
0.85 (.033)
12.6 (.496)
12.8 (.504)
25.2 (0.992)
25.4 (1.000)
1.95 (.077)
2.14 (.084)
Anode 2
Anti-parallel
Parallel
Cathode 1
r = 4.0 (.157)
(2 places)
4.0 (.157)
4.2 (.165)
(2 places)
W=4.1 (.161)
W=4.3 (.169)
H=4.8 (.187)
H=4.9 (.193)
(4 places)
3.3 (.129)
3.6 (.143)
Cathode 2
Anode 1
Cathode 2
Anode 2
Cathode 1
APT2X100D60J
APT2X101D60J
APT2X100/2X101D60J
PEARSON 411
CURRENT
TRANSFORMER
0.5 IRRM
di
F/dt Adjust
30µH
D.U.T.
+15v
-15v
0v
Vr
4
3
1
2
5
5
0.75 IRRM
trr/Qrr
Waveform
Zero
6
1
2
3
4
6
di
F/dt - Current Slew Rate, Rate of Forward
Current Change Through Zero Crossing.
I
F - Forward Conduction Current
I
RRM - Peak Reverse Recovery Current.
trr - Reverse Recovery Time Measured from Point of IF
Qrr - Area Under the Curve Defined by IRRM and trr.
diM/dt - Maximum Rate of Current Change During the Trailing Portion of trr.
Current Falling Through Zero to a Tangent Line
{
diM/dt
}
Extrapolated Through Zero Defined by 0.75 and 0.50 I
RRM.
6
Figure 9, Diode Reverse Recovery Test Circuit and Waveforms
Figure 10, Diode Reverse Recovery Waveform and Definitions
Qrr = 1/2 (trr . IRRM)
APT Reserves the right to change, without notice, the specifications and information contained herein.
ISOTOP
® is a Registered Trademark of SGS Thomson.
SOT-227 Package Outline



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com