Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD310 Datasheet(PDF) 1 Page - A-Data Technology

Part # UD310
Description  DashDrive??Durable UD310
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

UD310 Datasheet(HTML) 1 Page - A-Data Technology

  UD310 Datasheet HTML 1Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.adata-group.com
DashDrive™ Durable UD310
Features
> Water-resistant
> Impact resistant
> Mini COB construction
> Jewel-like faceted cap
> Ultra-small and easy to carry
Specifications
USB 2.0 USB FLASH Drive
Ordering Information
Capacity
Model Number
Color
EAN Code
8GB
16GB
AUD310-8G-RBK
AUD310-8G-RRD
AUD310-16G-RBK
AUD310-16G-RRD
AUD310-32G-RBK
AUD310-32G-RRD
Black
Red
Black
Red
Black
Red
4713435796214
4713435796245
4713435796221
4713435796252
4713435796238
4713435796269
32GB
> Capacity: 8GB/16GB/32GB
> Dimensions (L x W x H): 23 x 17 x 7mm (0.9 x 0.7 x 0.3in)
> Weight: 2.5g (0.1oz)
> Specification: USB 2.0 (Backwards compatible with 1.1)
> Temperature: Operating 0~45°C; Storage -25~60°C
> System Compatibility: Windows XP/Vista/7, Mac OS X 10.6 or later
& Linux Kernel 2.6 or later
> Warranty: Lifetime Warranty


Similar Part No. - UD310

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
UD311 A-DATA-UD311 Datasheet
425Kb / 2P
Mini COB construction
More results

Similar Description - UD310

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
HD710 A-DATA-HD710 Datasheet
811Kb / 1P
DashDrive Dura HD710 Portable Hard Drive
HV610 A-DATA-HV610 Datasheet
626Kb / 2P
DashDrive HV610 Portable Hard Drive
UC500 A-DATA-UC500 Datasheet
699Kb / 1P
DashDrive??Choice UC500
UE700 A-DATA-UE700 Datasheet
2Mb / 1P
DashDrive Elite UE700
UV100 A-DATA-UV100 Datasheet
1Mb / 1P
DashDrive??UV100
UV120 A-DATA-UV120 Datasheet
300Kb / 1P
DashDrive??UV120
logo
List of Unclassifed Man...
ABS1699 ETC2-ABS1699 Datasheet
1Mb / 3P
Durable, rugged construction
ARINC404A ETC2-ARINC404A Datasheet
658Kb / 3P
Durable, rugged construction
logo
P-tec Corporation
PLH0402-YDW01 P-TEC-PLH0402-YDW01 Datasheet
1,018Kb / 11P
Durable and Rugged RoHS Compliant
PLH3535-WCUV02 P-TEC-PLH3535-WCUV02 Datasheet
801Kb / 8P
Durable and Rugged
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com