Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM13 Datasheet(PDF) 1 Page - A-Data Technology

Part # XM13
Description  XM13 mSATA SSD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

XM13 Datasheet(HTML) 1 Page - A-Data Technology

  XM13 Datasheet HTML 1Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.adata-group.com
XM13 mSATA SSD
Features
Performance
Seq. Read & Write speed test by Crystal Disk Mark and ATTO.
Random. Read & Write speed test by IOmeter 2010 (Queue depth of 32; write cache enable)
IOPS Test Utility : IOmeter (Queue depth of 32; write cache enable)
The system conditions and test environment may affect test result
Specifications
> Capacity: 30GB / 60GB
> Interface: 3Gb/sec
> NAND Flash Component: Multi-Level Cell (MLC) NAND Flash Memory
> Controller: SandForce SF-2141
> Form Factor: Full-Size mSATA
> Dimension(LxWxH): 50.95 x 30 x 4 mm
> Weight: 7±1g
> Shock Resistance: 1500G/0.5ms
> Certification: RoHS, CE, FCC
> ECC Recovery: Up to 55 bits correctable per 512-byte sector (BCH)
> MTBF: 1,200,000 hours
> Complies with ATA/ATAP1-7 Standard
> S.M.A.R.T feature supported
> NCQ Command set supported
> Trim Command supported
> 3 – Year Warranty
> OS Compatibility: Windows 7 / Windows XP /
Windows Vista / Mac OS X / Linux
> Applicable to Intel® Smart Response Technology
Environmental Parameters
Ordering information
> Operator temperature: 0°C to 70°C
> Storage temperature: -40°C to 85°C
> Power Consumption: Idle: 0.5W-MAX; Active: 2.3W-MAX
> Operating Humidity: 5%~95% RH (0℃ to 55℃), non-condensing
> Vibration: 20G Peak, 10~2000Hz
30GB
60GB
Write Speed
ATTO
(MB/sec)
Read Speed
Crystal Disk Mark
(MB/sec)
Up to 280
Up to 280
Up to 260
Up to 260
Up to 210
Up to 260
Write Speed
Crystal Disk Mark
(MB/sec)
Up to 45
Up to 80
Maximum 4K
Random Write
IOPS Iometer
12,500
12,500
Read Speed
ATTO
(MB/sec)
Capacity
14450000
14450001
Type
30GB
60GB
mSATA
mSATA
Capacity
Part Number


Similar Part No. - XM13

ManufacturerPart #DatasheetDescription
logo
Acconeer AB
XM132 ACCOONEER-XM132 Datasheet
4Mb / 25P
Entry Module
v1.5 / 2022-09-22
More results

Similar Description - XM13

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MTFDDAT032MAM MICRON-MTFDDAT032MAM Datasheet
327Kb / 30P
C400v mSATA NAND Flash SSD
MTFDDAT128MAM MICRON-MTFDDAT128MAM Datasheet
324Kb / 30P
C400 mSATA NAND Flash SSD
logo
Advantech Co., Ltd.
SQF-SMS640 ADVANTECH-SQF-SMS640 Datasheet
696Kb / 1P
SATA III (6.0Gb) mSATA
logo
Tripp Lite. All Rights ...
P960-001-MSATA TRIPPLITE-P960-001-MSATA Datasheet
171Kb / 2P
mSATA SSD to 2.5 in. SATA Enclosure Adapter Converter
logo
Transcend Information. ...
MSA370 TRANSCEND-MSA370 Datasheet
715Kb / 14P
SATA III 6Gb/s mSATA SSD
logo
Adlink Technology Inc.
SSE016GTTC7-SBA-1A ADLINK-SSE016GTTC7-SBA-1A Datasheet
254Kb / 3P
mSATA SSD for Industrial Embedded Applications
logo
Apacer Technology Inc.
MSATA-A1 APACER-MSATA-A1 Datasheet
1Mb / 4P
mSATA A1 modular SSD
MSATA-A1-M APACER-MSATA-A1-M Datasheet
947Kb / 4P
mSATA A1-M modular SSD
logo
Advantech Co., Ltd.
SQF-SHM-650 ADVANTECH-SQF-SHM-650 Datasheet
443Kb / 1P
SATA III (6.0Gb) Hald-Size mSATA SSD
1-Aug-2022
SQF-SMS-650 ADVANTECH-SQF-SMS-650 Datasheet
440Kb / 1P
SATA III (6.0Gb) mSATA SSD
1-Aug-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com