Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLE06WWX3 Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KLE06WWX3
Description  Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KLE06WWX3 Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KLE06WWX3 Datasheet HTML 1Page - COSMO  Electronics Corporation KLE06WWX3 Datasheet HTML 2Page - COSMO  Electronics Corporation KLE06WWX3 Datasheet HTML 3Page - COSMO  Electronics Corporation KLE06WWX3 Datasheet HTML 4Page - COSMO  Electronics Corporation KLE06WWX3 Datasheet HTML 5Page - COSMO  Electronics Corporation KLE06WWX3 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT
SPECIFICATION
DATE: 11/27/2006
NO. 61L70032
cosmo
ELECTRONICS CORPORATION
H.P LED :
KLE06WWX3
SHEET 2 OF 6
REV.
1
4. Dimensions
5. Electrical & Optical Characteristics
LED at 350mA (1 chip / W), Ta = 25
oC
Chip quantity:3 LEDs/PCB
Forward Voltage
(Vf)
Luminous Flux
(lm)
Part
Number
CCT (K)
Typ.
Max
Min
Typ.
Wattage
Max. (W)
View angle
( 2
θ 1
2
)
WWX3
2500~3500
10.8
12
70
80
4.2
120
±10 o
W W 1
W W 2
W W 3
1
6
5
4
3 2
6
W W 1
W W 2
W W 3
3
Unit = mm ; Tolerances ±
04



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com