Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLS06WWX3 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KLS06WWX3
Description  Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KLS06WWX3 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KLS06WWX3 Datasheet HTML 1Page - COSMO  Electronics Corporation KLS06WWX3 Datasheet HTML 2Page - COSMO  Electronics Corporation KLS06WWX3 Datasheet HTML 3Page - COSMO  Electronics Corporation KLS06WWX3 Datasheet HTML 4Page - COSMO  Electronics Corporation KLS06WWX3 Datasheet HTML 5Page - COSMO  Electronics Corporation KLS06WWX3 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
SPECIFICATION
DATE: 11/27/2006
NO. 61L70034
cosmo
ELECTRONICS CORPORATION
H.P LED :
KLS06WWX3
SHEET 1 OF 6
REV.
1
1. Features
Cosmo’s high power LED packages can handle up to 350-500mA DC current,.
These packages are formed by bonding 2~4 pcs LED chips on a
Φ20mm metal
PCB.
The main features of these packages are as follows:
Very high flux output per LED.
Flat PCB package.
On each PCB, the quantity of LED being adjustable from
2 to 4 to meet user’s need.
These LEDs being connected in series.
Very long operation life time up to 100k hours attainable, by using a proper
heat sink.
120
±10o cool beam in most packages.
2. Applications
Outdoor and indoor architectural lighting
Reading light (car/bus/aircraft)
Decorative/entertainment lighting
Bollards/Security/Garden lighting
Traffic signal
Portable lighting (flashlight/bicycle)
Edge-lit signs (exit sign/point of sales)
LCD backlights
Light guide
3. Operation and Storage Temperature
Parameter
Symbol
Value
Unit
Operation temperature
Topr
(Data to be ready, -30~+85)
oC
Storage temperature
Tstg
(Data to be ready, -40~+110)
oC


Similar Part No. - KLS06WWX3

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KLS06WXX3 COSMO-KLS06WXX3 Datasheet
180Kb / 6P
Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLS06WXX4 COSMO-KLS06WXX4 Datasheet
173Kb / 6P
Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
More results

Similar Description - KLS06WWX3

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KLE06WXX4 COSMO-KLE06WXX4 Datasheet
99Kb / 6P
Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00AXX3 COSMO-KLH00AXX3 Datasheet
76Kb / 6P
Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00BGA3 COSMO-KLH00BGA3 Datasheet
112Kb / 7P
Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00BXX3 COSMO-KLH00BXX3 Datasheet
77Kb / 6P
Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00BXX4 COSMO-KLH00BXX4 Datasheet
94Kb / 6P
Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00GXX4 COSMO-KLH00GXX4 Datasheet
97Kb / 6P
Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00RXX4 COSMO-KLH00RXX4 Datasheet
98Kb / 6P
Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00WXX4 COSMO-KLH00WXX4 Datasheet
92Kb / 6P
Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH06RGB3 COSMO-KLH06RGB3 Datasheet
134Kb / 7P
Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLS06WXX4 COSMO-KLS06WXX4 Datasheet
173Kb / 6P
Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com