Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT30D30S Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT30D30S
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30D30S Datasheet(HTML) 2 Page - Advanced Power Technology

  APT30D30S Datasheet HTML 1Page - Advanced Power Technology APT30D30S Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADVANCED
TECHNICAL
INFORMATION
MIN
TYP
MAX
35
TBD
40
60
162
162
59
816
110
280
2.9
2.9
400
700
UNIT
ns
Amps
nC
Volts
A/µs
APT30D30S
Characteristic (Single Diode)
Reverse Recovery Time, I
F
= 1.0A, di
F
/dt = -15A/µs, V
R
= 30V, T
J
= 25°C
Reverse Recovery Time
T
J
= 25°C
I
F
= 30A, di
F
/dt = -240A/µs, V
R
= 180V
T
J
= 100°C
Forward Recovery Time
T
J
= 25°C
I
F
= 30A, di
F
/dt = 240A/µs, V
R
= 180V
T
J
= 100°C
Reverse Recovery Current
T
J
= 25°C
I
F
= 30A, di
F
/dt = -240A/µs, V
R
= 180V
T
J
= 100°C
Recovery Charge
T
J
= 25°C
I
F
= 30A, di
F
/dt = -240A/µs, V
R
= 180V
T
J
= 100°C
Forward Recovery Voltage
T
J
= 25°C
I
F
= 30A, di
F
/dt = 240A/µs, V
R
= 180V
T
J
= 100°C
Rate of Fall of Recovery Current
T
J
= 25°C
I
F
= 30A, di
F
/dt = -240A/µs, V
R
= 180V
T
J
= 100°C
DYNAMIC CHARACTERISTICS
Symbol
t
rr1
t
rr2
t
rr3
t
fr1
t
fr2
I
RRM1
I
RRM2
Q
rr1
Q
rr2
V
fr1
V
fr2
diM/dt
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions (Single Diode)
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
Package Weight
Symbol
RqJC
RqJA
W
T
MIN
TYP
MAX
0.90
40
0.22
6.1
UNIT
°C/W
oz
gm
D
3
PAK Package Outline
15.85 (.624)
16.05 (.632)
18.70 (.736)
19.10 (.752)
1.15 (.045)
1.45 (.057)
5.45 (.215) BSC
(2 Plcs.)
4.90 (.193)
5.10 (.201)
1.45 (.057)
1.60 (.063)
2.70 (.106)
2.90 (.114)
0.40 (.016)
0.65 (.026)
Dimensions in Millimeters (Inches)
Heat Sink (Cathode)
and Leads
are Plated
2.40 (.094)
2.70 (.106)
(Base of Lead)
1.90 (.075)
2.10 (.083)
0.020 (.001)
0.250 (.010)
1.20 (.047)
1.40 (.055)
12.40 (.488)
12.70 (.500)
13.30 (.524)
13.60 (.535)
1.00 (.039)
1.15 (.045)
Revised
2/24/95
Cathode
Anode
APT Reserves the right to change, without notice, the specifications and information contained herein.
APT's devices are covered by one or more of the following U.S.patents:
4,895,810
5,045,903
5,089,434
5,182,234
5,019,522
5,262,336
5,256,583
4,748,103
5,283,202
5,231,474
5,434,095
5,528,058



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com