Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINT1022 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MINT1022
Description  22 Watt Single Output Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1022 Datasheet(HTML) 2 Page - SL Power Electronics

  MINT1022 Datasheet HTML 1Page - SL Power Electronics MINT1022 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MINT1022
22 Watt Single Output Series
Medical - Universal Input Power Supply
Medical
Voltage
Output
Total
Initial Setpoint
Ripple/
OVP
Model
Output
Current
Regulation
Tolerance
Noise
Setpoint
MINT1022A0505I01
5V
4.40A
+/-1.5%
+/-2.5%
100mV
6.2+/-0.6V
MINT1022A1205I01
12V
1.83A
+/-1.5%
+/-2.5%
120mV
14.1+/-1.1V
MINT1022A2405I01
24V
0.92A
+/-1.5%
+/-2.5%
240mV
28+/-2.5V
M
I
N
T
1
022
A
05
05
I
01
Medical
Internal
Standard Factory
No.of
Output
InitialDesign
Output
Output
Input
Standard
Product
Designation Outputs
Wattage
oftheProduct
Voltage
Connector
Connector Configuration
Condor Part Number Key
EMCInformation
Conductedemissions
EN55011
LevelB
Radiatedemissions
EN55011
LevelB
Linefreq.harmonics
EN61000-3-2
Complies
Voltagefluctuations
EN61000-3-3
Complies
ESDContact
EN61000-4-2
6kVcontact
ESDAir
EN61000-4-2
8kVair
Radiatedimmunity
EN61000-4-3
3V/m
FastTransients(EFT)
EN61000-4-4
2kV/5kHz
Linesurgeimmunity
EN61000-4-5
1kVdiff/2kV
commonmode
Conductedimmunity
EN61000-4-6
3Vrms
Powerfreq.mag.field
EN61000-4-8
3A/m
Voltagedipimmunity
EN61000-4-11
ConsultFactory
General Specifications (continued from p. 1)
Notes
1.Otheroutputvoltagesavailablebyspecialorder
2.Regulationfrominitialsetpointfor50%loadchangefrom50%to0%or100%
3.Peakoutputratingis24Wattsfor1minute
4.20MHzBandwidthscope,differentialmode.Measuredwithscopeprobedirectlyacrossoutputterminalsofthepowersupplywithloadterminatedwith0.1μF
5.Heatsinktemperaturesshouldnotbeallowedtoexceed90°C
6.Installationdataisonlineatwww.slpower.com
INPUTJ1MOLEX22-43-8040
INPUT
J1MOLEX22-43-8040
PIN1ACLINE
PIN4ACNEUTRAL
GROUND
SOLDERHOLEONBOARD
OUTPUT
J2MOLEX22-43-8040
PIN1OUTPUT1
PIN2OUTPUT1
PIN3COMMON
PIN4COMMON
MATINGCONNECTOR(MOLEX)
INPUT
HOUSING50-37-5043
CONTACTS08-70-1040
OUTPUT
HOUSING50-37-5043
CONTACTS08-70-1040
Mechanical Notes
SL Power Electronics Corp • 6050 King Drive • Ventura, CA 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com
DataSheet©2008SLPowerElectronicsCorp.Theinformationandspecificationscontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
However,SLPoweracceptsnoresponsibilityforconsequencesarisingfromreproductionerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
Rev.9/08/08



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com