Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINT1045 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MINT1045
Description  45 W Single Output Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1045 Datasheet(HTML) 2 Page - SL Power Electronics

  MINT1045 Datasheet HTML 1Page - SL Power Electronics MINT1045 Datasheet HTML 2Page - SL Power Electronics MINT1045 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
______________________________________________________________________________________________________________________________ 2 of 3
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
MINT1045A1275K01
12 V
3.75
120mV
±0.5%
±2%
MINT1045A1575K01
15 V
3.00
150mV
±0.5%
±2%
MINT1045A2475K01
24 V
1.90
240mV
±0.5%
±2%
MINT1045A2875K01
28 V
1.60
280mV
±0.5%
±2%
Consult factory for availability
MINT1045A4875K01
48 V
0.95
480mV
±0.5%
±2%
Medical Certification to the New 3rd Edition:
ITE Certification to the New 2nd Edition:
•
Demko certified to EN 60601-1:2005, 3rd Ed.
•
Demko certified to EN60950-1:2006+ A11:2009,2nd Ed.
•
CB certified to IEC 60601-1:2005, 3rd Edition
•
CB certified to IEC 60950-1:2005, 2nd Edition
•
UL Recognized to ANSI AAMI ES60601-1:2005
& CAN/CSA C22.2, No. 60601-1-08
•
UL Recognized to UL 60950-1:2007, 2nd Edition &
CAN/CSA C22.2, No. 60950-1-07, 2nd Edition
Vibration
Random vibration per MIL-STD-810E, Method 514.4,
Cat. 1, Figure 514.4-1, 1 hr in each of three axes
Shock
Half-sine, 40 gpk, 10 msec duration, +/- in
each of three axes, total of 6 shocks
Enclosure Dimensions
See outline drawing
Operating Altitude
-500 to 10,000 ft
Weight
113 grams
Non-operating Altitude
-500 to 40,000 ft
Conducted Emissions
EN55011/22 Class B, FCC Part 15, Class B, 6db margin
Radiated Emissions
EN55011/22 Class A, FCC Part 15, Class A, 10db margin
To meet class B for grounded input (Class I), unit should be
mounted on a metal plate.
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz.
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11 100Vac, 95% dip/0.5 cycle (Criteria A),
60%/5cycles (Criteria A at 30% load), 30%/25 cycles (Criteria A).
Line Frequency Harmonics
Complies with EN61000-3-2, EN60601-2-1
MINT1045
45 W Single Output Series
Medical & ITE – Universal Input Power Supply
3 Year Warranty
Output Parameters
Model
Output
Ripple
Total
Initial Set-point
Number
Volts
Current
& Noise
Regulation
Tolerance
EMI/EMC Compliance
Specifications (continued)
Notes:
1.
Derate output power by 2% per volt AC for input voltage <90Vac.
Safety Agency Compliance
Convection Cooled



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com