Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT30D40H Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT30D40H
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30D40H Datasheet(HTML) 2 Page - Advanced Power Technology

  APT30D40H Datasheet HTML 1Page - Advanced Power Technology APT30D40H Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIN
TYP
MAX
45
65
45
70
150
150
610
10
18
135
350
3.2
3.2
500
500
UNIT
ns
Amps
nC
Volts
A/
µs
APT30D40H
Characteristic
Reverse Recovery Time, I
F
= 1.0A, di
F
/dt = -15A /
µs, V
R
= 30V, T
J
= 25
°C
Reverse Recovery Time
T
J
= 25
°C
I
F
= 30A, di
F
/dt = -240A /
µs, V
R
= 240V
T
J
= 100
°C
Forward Recovery Time
T
J
= 25
°C
I
F
= 30A, di
F
/dt = 240A /
µs, V
R
= 240V
T
J
= 100
°C
Reverse Recovery Current
T
J
= 25
°C
I
F
= 30A, di
F
/dt = -240A /
µs, V
R
= 240V
T
J
= 100
°C
Recovery Charge
T
J
= 25
°C
I
F
= 30A, di
F
/dt = -240A /
µs, V
R
= 240V
T
J
= 100
°C
Forward Recovery Voltage
T
J
= 25
°C
I
F
= 30A, di
F
/dt = 240A /
µs, V
R
= 240V
T
J
= 100
°C
Rate of Fall of Recovery Current
T
J
= 25
°C
I
F
= 30A, di
F
/dt = -240A/
µs, V
R
= 240V (See Figure 10)
T
J
= 100
°C
DYNAMIC CHARACTERISTICS
Symbol
t
rr1
t
rr2
t
rr3
t
fr1
t
fr2
I
RRM1
I
RRM2
Q
rr1
Q
rr2
V
fr1
V
fr2
diM/dt
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
Package Weight
Maximum Mounting Torque (Screw Type = 6-32 or 3mm Machine)
Symbol
RθJC
RθJA
W
T
Torque
MIN
TYP
MAX
0.90
40
0.22
6.1
UNIT
°C/W
oz
gm
lb•in
N•m
5.08 (.200) BSC
1.14 (.045)
0.88 (.035)
17.65 (.695)
17.39 (.685)
4.19 (.165)
3.94 (.155)
Drain
Source
Gate
1.65 (.065)
1.39 (.055)
Dia. Typ.
3 Leads
17.96 (.707)
17.70 (.697)
19.05 (0.750)
12.70 (0.500)
21.21 (.835)
20.70 (.815)
8.89 (.350)
8.63 (.340)
Dimensions in Millimeters and (Inches)
3.56 (.140) BSC
6.86 (.270)
6.09 (.240)
13.84 (.545)
13.58 (.535)
TO-258 Package Outline



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com