Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINT1180 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MINT1180
Description  180W SINGLE OUTPUT MEDICAL SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1180 Datasheet(HTML) 2 Page - SL Power Electronics

  MINT1180 Datasheet HTML 1Page - SL Power Electronics MINT1180 Datasheet HTML 2Page - SL Power Electronics MINT1180 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MINT1180
180W Single Output
Medical Series
www.slpower.com
MINT1180 REV 1.4, 11-FEB-13
2
General Specifications (continued)
Inrush Current
264Vac, cold start: will not exceed 55A
Signals
N/A
Input Fuses
F1, F2: 3.15A, 250VAC fuses provided on all
models
Overload
Protection
120%-150% of rating, Hiccup Mode
Earth Leakage
Current
<275μA@264Vac, 60Hz, NC; <400µA SFC
Short Circuit
Protection
Provided - no damage will occur if the output is
shorted, auto recovery
Efficiency
88% typical
Overvoltage
Protection
OVP latch at 110%-130% of rated output
voltage.
Output Power
180W convection cooled
Switching
Frequency
PFC: Fixed, 65kHz
Main Converter: Variable 35-200kHz, 65-70kHz
at full load.
Transient
Response
500μS typ. for return to within 0.5% of
nominal, 50% load step.
i/t <0.2A/µS.
Max Volt Deviation = 3%
Isolation
Input-Output:
4000Vac, 2 x MOPP
Input-Ground:
1800Vac, 1 x MOPP
Output-Ground: 1500Vac
Ripple and Noise
See chart
Operating
Temperature
-10°C to +70°C
Start Up at -40°C, full load
Output Voltage
See chart
Temperature
Derating
Derate output power linearly above 50°C to 50%
at 70°C
Voltage
Adjustability
+/-5% from nominal
Storage
Temperature
-40°C to +85°C
Minimum Load
Not required
Altitude
Operating: -500 to 10,000 ft.
Non-operating: -500 to 40,000 ft.
Total Regulation
+/- 3% combined line, load and initial setting.
Relative Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g
²/Hz, 1.5grms overall, 3
axes, 10 min/axis
Non-Operating: 0.026g
²/Hz, 5.0grms overall,
3 axes, 1 hr/axis
Shock
Operating: Half-sine, 20gpk, 10ms, 3 axes, 6
shocks total
Non-Operating: Half-sine, 40 gpk, 10 ms, 3
axes, 6 shocks total
Dimensions
W: 3.0” x L: 5.0” x H: 1.3”
Safety Standards
EN/CSA/UL/IEC 60601-1, 3
rd Edition
EN/CSA/UL/IEC 60950-1, 2
nd Edition
Weight
325g
MTBF
405,000 hours, 25
°C, 110Vac
Output vs. Temperature Derating Curve
180W convection cooled, derate output power to 50% at 70
C.
0
50
100
150
200
-10
0
10
20
30
40
50
60
70
Temperature (°C)
Convection



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com