Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT30DS60H Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT30DS60H
Description  2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30DS60H Datasheet(HTML) 2 Page - Advanced Power Technology

  APT30DS60H Datasheet HTML 1Page - Advanced Power Technology APT30DS60H Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APT30DS60H
DYNAMIC CHARACTERISTICS
5.08 (.200) BSC
1.14 (.045)
0.88 (.035)
17.65 (.695)
17.39 (.685)
4.19 (.165)
3.94 (.155)
Cathode
N.C.
Anode
1.65 (.065)
1.39 (.055)
Dia. Typ.
3 Leads
17.96 (.707)
17.70 (.697)
19.05 (0.750)
12.70 (0.500)
21.21 (.835)
20.70 (.815)
8.89 (.350)
8.63 (.340)
Dimensions in Millimeters and (Inches)
3.56 (.140) BSC
6.86 (.270)
6.09 (.240)
13.84 (.545)
13.58 (.535)
MIN
TYP
MAX
35
45
20
35
45
50
6.0
10
11.0
15
75
220
20
21
900
2000
UNIT
ns
Amps
nC
Volts
A/µs
Characteristic
Reverse Recovery Time, I
F
= 1.0A, di
F
/dt = -15A/µs, V
R
= 30V, T
J
= 25°C
Reverse Recovery Time
T
J
= 25°C
I
F
= 30A, di
F
/dt = -500A/µs, V
R
= 350V
T
J
= 100°C
Forward Recovery Time
T
J
= 25°C
I
F
= 30A, di
F
/dt = 500A/µs, V
R
= 350V
T
J
= 100°C
Reverse Recovery Current
T
J
= 25°C
I
F
= 30A, di
F
/dt = -500A/µs, V
R
= 350V
T
J
= 100°C
Recovery Charge
T
J
= 25°C
I
F
= 30A, di
F
/dt = -500A/µs, V
R
= 350V
T
J
= 100°C
Forward Recovery Voltage
T
J
= 25°C
I
F
= 30A, di
F
/dt = 500A/µs, V
R
= 350V
T
J
= 100°C
Rate of Fall of Recovery Current
T
J
= 25°C
I
F
= 30A, di
F
/dt = -500A/µs, V
R
= 350V
T
J
= 100°C
Symbol
t
rr1
t
rr2
t
rr3
t
fr1
t
fr2
I
RRM1
I
RRM2
Q
rr1
Q
rr2
V
fr1
V
fr2
diM/dt
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
Package Weight
Maximum Mounting Torque (Screw Type = 6-32 or 3mm Machine)
Symbol
RqJC
RqJA
W
T
Torque
MIN
TYP
MAX
0.66
40
0.22
6.1
UNIT
°C/W
oz
gm
lb•in
N•m
TO-258 Package Outline
APT Reserves the right to change, without notice, the specifications and information contained herein.
APT's devices are covered by one or more of the following U.S.patents:
4,895,810
5,045,903
5,089,434
5,182,234
5,019,522
5,262,336
5,256,583
4,748,103
5,283,202
5,231,474
5,434,095
5,528,058



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com