Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIMB-M21 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SIMB-M21
Description  Intel짰 Core??i7/i5/i3/Celeron짰 Mini-ITX with VGA/HDMI/LVDS/Display Port, 4 COM and Dual LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SIMB-M21 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SIMB-M21 Datasheet HTML 1Page - Advantech Co., Ltd. SIMB-M21 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
Board Diagram
SIMB-M21
Ordering Information
P/N
CPU
Chipset
VGA
GbE
USB
COM
SATA
SIMB-M21-7G200A1E
Intel Core i7/i5/i3/
Celeron Mobile
Processor
Intel HM65
1
2
10 (4 Rear, 6 Internal)
4 x RS-232 (1 Rear, 3 Internal) 5 (2 SATA III, 3 SATA II)
Note: Minimum order quantity is 200 pieces
I/O View
Mouse
VGA
COM
2 LAN
Keyboard
DisplayPort
Mic-in
Line-out
Line-in
HDMI
4 USB
Optional Accessories
Part Number
Description
1700003195
USB cable with two ports, 17.5 cm
1700002204
USB cable with two ports, 27 cm
1960054965T000
CPU Cooler (40.5mm Height) recommended for use with
Core i7 45W
1700008461
USB cable with two ports, 30.5 cm
Packing List
Description
Quantity
SATA cable kit (SATA/POWER)
1
I/O shield
1
CPU Cooler (25mm Height)
1
Startup manual
1 (per 20 units)
Driver CD
1 (per 20 units)
Remark: If Intel Core i7 45W is used, it is highly recommended to select CPU Cooler
(40.5mm Height, P/N 1960054965T000) instead.
DisplayPort
RGB
Channel A
VGA
Realtek ALC892
HD Audio
SPI ROM
SPI
DP 1.1
Audio
LVDS
Dual CH
24-bit LVDS
DDR3 1333/ 1066 MHz
Channel B
DDR3 1333/ 1066 MHz
MDI I/F
LAN 1
Intel 82579LM
PCIe x1
LAN 2
Intel 82583V
PCIe x1
Mini PCIe Slot
USB 2.0
10 x USB 2.0 ports
SATA III
2 x SATA III ports
SATA II
3 x SATA II ports
CFast Card
Intel rPGA988
Core i7/ i5/ i3/
Celeron
Intel HM65
PCIe x16 Slot
PCIe x16
HDMI
TI-SN75DP139RGZR
TPM 1.2 (Optional)
2 x RS-232 ports
2 RS-232 ports,
2 PS/2 KB/MS,
Fan Control,
H/W Monitor
8-bit GPIO
SLB9635
Fintek
F81216AD
Nuvoton
NCT6776F
HDMI



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com