Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2957 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2957
Description  2 MHz Notch Filter 50 ??DIP Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2957 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2957 Datasheet HTML 1Page - KR Electronics, Inc. 2957 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
2957, 2 MHz Notch Filter, Rev 0, December 11, 2009
CH1
S31
LOG
10 dB/
REF 0 dB
CENTER
2 . 000
000
MHz
SPAN
3 . 000
000
MHz
11 Dec 2009 19:46:06
1
1 : -75
. 520
dB
2 . 000
000
MHz
KR Electronics, Inc.
KR Electronics part number 2957 is a 2 MHz notch filter. The
filter is designed for 50
 source and load impedance. Other
notch frequencies, bandwidths and impedances are available.
Please consult the factory.
General Description
KR Electronics, Inc.
Features
 2 MHz Notch Filter
 50 
 DIP Package
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response


Similar Part No. - 2957

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
2957-1000 HIROSE-2957-1000 Datasheet
521Kb / 12P
Rectangular, Multiple-Position Rack/Panel Insulation Displacement Connectors
2957-1500 HIROSE-2957-1500 Datasheet
521Kb / 12P
Rectangular, Multiple-Position Rack/Panel Insulation Displacement Connectors
More results

Similar Description - 2957

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857031 TRIQUINT-857031 Datasheet
644Kb / 7P
826 MHz Notch Filter
857061 TRIQUINT-857061 Datasheet
624Kb / 6P
782 MHz Notch Filter
857031 TRIQUINT-857031_15 Datasheet
644Kb / 7P
826 MHz Notch Filter
857061 TRIQUINT-857061_15 Datasheet
624Kb / 6P
782 MHz Notch Filter
logo
KR Electronics, Inc.
2606-SMA KR-2606-SMA Datasheet
93Kb / 3P
5 MHz Notch Filter
3168-1435 KR-3168-1435 Datasheet
81Kb / 3P
1435 MHz Notch Filter
3168-1795 KR-3168-1795 Datasheet
84Kb / 3P
1795 MHz Notch Filter
3168-2235 KR-3168-2235 Datasheet
83Kb / 3P
2235 MHz Notch Filter
3222-SMA KR-3222-SMA Datasheet
69Kb / 2P
5 MHz Notch Filter
3298-10-160 KR-3298-10-160 Datasheet
69Kb / 3P
160 MHz Notch Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com