Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT5010LVR Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT5010LVR
Description  Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT5010LVR Datasheet(HTML) 1 Page - Advanced Power Technology

  APT5010LVR Datasheet HTML 1Page - Advanced Power Technology APT5010LVR Datasheet HTML 2Page - Advanced Power Technology APT5010LVR Datasheet HTML 3Page - Advanced Power Technology APT5010LVR Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS
= 0V, I
D
= 250
µA)
On State Drain Current 2 (V
DS
> I
D(on)
x R
DS(on)
Max, V
GS
= 10V)
Drain-Source On-State Resistance 2 (V
GS
= 10V, 0.5 I
D[Cont.]
)
Zero Gate Voltage Drain Current (V
DS
= V
DSS
, V
GS
= 0V)
Zero Gate Voltage Drain Current (V
DS
= 0.8 V
DSS
, V
GS
= 0V, T
C
= 125
°C)
Gate-Source Leakage Current (V
GS
=
±30V, V
DS
= 0V)
Gate Threshold Voltage (V
DS
= V
GS
, I
D
= 2.5mA)
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
Symbol
V
DSS
I
D
I
DM
V
GS
V
GSM
P
D
T
J
,T
STG
T
L
I
AR
E
AR
E
AS
Parameter
Drain-Source Voltage
Continuous Drain Current @ TC = 25°C
Pulsed Drain Current
1
Gate-Source Voltage Continuous
Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Avalanche Current
1 (Repetitive and Non-Repetitive)
Repetitive Avalanche Energy
1
Single Pulse Avalanche Energy
4
UNIT
Volts
Amps
Volts
Watts
W/
°C
°C
Amps
mJ
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
I
D(on)
R
DS(on)
I
DSS
I
GSS
V
GS(th)
UNIT
Volts
Amps
Ohms
µA
nA
Volts
MIN
TYP
MAX
500
47
0.100
25
250
±100
24
APT5010LVR
500
47
188
±30
±40
520
4.16
-55 to 150
300
47
50
2500
USA
405 S.W. Columbia Street
Bend, Oregon 97702-1035
Phone: (541) 382-8028
FAX: (541) 388-0364
EUROPE
Avenue J.F. Kennedy Bât B4 Parc Cadéra Nord
F-33700 Merignac - France
Phone: (33) 5 57 92 15 15
FAX: (33) 5 56 47 97 61
APT5010LVR
500V
47A
0.100
Ω
G
D
S
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street
Bend, Oregon 97702-1035
Phone: (541) 382-8028
FAX: (541) 388-0364
EUROPE
Avenue J.F. Kennedy Bât B4 Parc Cadéra Nord
F-33700 Merignac - France
Phone: (33) 5 57 92 15 15
FAX: (33) 5 56 47 97 61
APT Website - http://www.advancedpower.com
Power MOS V® is a new generation of high voltage N-Channel enhancement
mode power MOSFETs. This new technology minimizes the JFET effect,
increases packing density and reduces the on-resistance. Power MOS V®
also achieves faster switching speeds through optimized gate layout..
• Faster Switching
• 100% Avalanche Tested
• Lower Leakage
• Popular TO-264 Package
POWER MOS V
®
TO-264


Similar Part No. - APT5010LVR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT5010LVR MICROSEMI-APT5010LVR Datasheet
52Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement
logo
Inchange Semiconductor ...
APT5010LVR ISC-APT5010LVR Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
logo
Microsemi Corporation
APT5010LVRG MICROSEMI-APT5010LVRG Datasheet
52Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement
More results

Similar Description - APT5010LVR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT1001R1BVFR ADPOW-APT1001R1BVFR Datasheet
70Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT10040B2VFR ADPOW-APT10040B2VFR Datasheet
40Kb / 2P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT10043JVR ADPOW-APT10043JVR Datasheet
73Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT10050B2VR ADPOW-APT10050B2VR Datasheet
59Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT10050JVFR ADPOW-APT10050JVFR Datasheet
70Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT10M09B2VFR ADPOW-APT10M09B2VFR Datasheet
41Kb / 2P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT10M25BVFR ADPOW-APT10M25BVFR Datasheet
69Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT10M25SVR ADPOW-APT10M25SVR Datasheet
68Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs
APT10M30AVR ADPOW-APT10M30AVR Datasheet
66Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT20M11JVFR ADPOW-APT20M11JVFR Datasheet
74Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com