Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4151 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4151
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4151 Datasheet HTML 17Page - Linear Technology LTC4151 Datasheet HTML 18Page - Linear Technology LTC4151 Datasheet HTML 19Page - Linear Technology LTC4151 Datasheet HTML 20Page - Linear Technology LTC4151 Datasheet HTML 21Page - Linear Technology LTC4151 Datasheet HTML 22Page - Linear Technology LTC4151 Datasheet HTML 23Page - Linear Technology LTC4151 Datasheet HTML 24Page - Linear Technology LTC4151 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2945
21
2945f
APPLICATIONS INFORMATION
17h
MAX ΔSENSE LSB
R/W**
Maximum ΔSENSE LSB Data
00h
18h
MIN ΔSENSE MSB
R/W**
Minimum ΔSENSE MSB Data
FFh
19h
MIN ΔSENSE LSB
R/W**
Minimum ΔSENSE LSB Data
FOh
1Ah
MAX ΔSENSE THRESHOLD MSB
R/W
Maximum ΔSENSE Threshold MSB to Generate Alert
FFh
1Bh
MAX ΔSENSE THRESHOLD LSB
R/W
Maximum ΔSENSE Threshold LSB to Generate Alert
FOh
1Ch
MIN ΔSENSE THRESHOLD MSB
R/W
Minimum ΔSENSE Threshold MSB to Generate Alert
00h
1Dh
MIN ΔSENSE THRESHOLD LSB
R/W
Minimum ΔSENSE Threshold LSB to Generate Alert
00h
1Eh
VIN MSB
R/W**
ADC VIN MSB Data
XXh
1Fh
VIN LSB
R/W**
ADC VIN LSB Data
X0h
20h
MAX VIN MSB
R/W**
Maximum VIN MSB Data
00h
21h
MAX VIN LSB
R/W**
Maximum VIN LSB Data
00h
22h
MIN VIN MSB
R/W**
Minimum VIN MSB Data
FFh
23h
MIN VIN LSB
R/W**
Minimum VIN LSB Data
FOh
24h
MAX VIN THRESHOLD MSB
R/W
Maximum VIN Threshold MSB to Generate Alert
FFh
25h
MAX VIN THRESHOLD LSB
R/W
Maximum VIN Threshold LSB to Generate Alert
FOh
26h
MIN VIN THRESHOLD MSB
R/W
Minimum VIN Threshold MSB to Generate Alert
00h
27h
MIN VIN THRESHOLD LSB
R/W
Minimum VIN Threshold LSB to Generate Alert
00h
28h
ADIN MSB
R/W**
ADIN MSB Data
XXh
29h
ADIN LSB
R/W**
ADIN LSB Data
X0h
2Ah
MAX ADIN MSB
R/W**
Maximum ADIN MSB Data
00h
2Bh
MAX ADIN LSB
R/W**
Maximum ADIN LSB Data
00h
2Ch
MIN ADIN MSB
R/W**
Minimum ADIN MSB Data
FFh
2Dh
MIN ADIN LSB
R/W**
Minimum ADIN LSB Data
FOh
2Eh
MAX ADIN THRESHOLD MSB
R/W
Maximum ADIN Threshold MSB to Generate Alert
FFh
2Fh
MAX ADIN THRESHOLD LSB
R/W
Maximum ADIN Threshold LSB to Generate Alert
FOh
30h
MIN ADIN THRESHOLD MSB
R/W
Minimum ADIN Threshold MSB to Generate Alert
00h
31h
MIN ADIN THRESHOLD LSB
R/W
Minimum ADIN Threshold LSB to Generate Alert
00h
*Register address MSBs b7-b6 are ignored. ** Writable if bit A4 is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com