Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3036 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3036
Description  160 MHz Notch Frequency 40 MHz typical 3 dB Bandwidth 50 ??Source and Load
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3036 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3036 Datasheet HTML 1Page - KR Electronics, Inc. 3036 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2011, KR Electronics, Inc.
3036, Rev 0, July 13, 2011
KR Electronics, Inc.
KR Electronics part number 3036 is a 160 MHz Notch Filter.
Other center frequencies and bandwidths available. Please con-
sult the factory.
General Description
KR Electronics, Inc.
Features
 160 MHz Notch Frequency
 40 MHz typical 3 dB Bandwidth
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3036

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3036 3M-3036 Datasheet
244Kb / 2P
Particulate Filter 2078, P95 with Nuisance Level Acid Gas and Organic Vapor Relief
9/1/09
logo
Heyco.
3036 HEYCO-3036 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Adafruit Industries
3036 ADAFRUIT-3036 Datasheet
195Kb / 2P
Adafruit RGB Matrix Featherwing Kit For M0 and M4 Feathers
logo
PHOENIX CONTACT
3036000 PHOENIX-3036000 Datasheet
495Kb / 15P
UTME 6-SET POWER - Starter kit
3036001 PHOENIX-3036001 Datasheet
500Kb / 14P
UTME 6-SET POWER 1 - Starter kit
More results

Similar Description - 3036

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0160BA02299S ICST-SF0160BA02299S Datasheet
203Kb / 2P
160 MHz Filter 9.5 MHz Bandwidth
Rev 4.0
logo
KR Electronics, Inc.
2834 KR-2834 Datasheet
59Kb / 2P
40 MHz differential notch filter
3088 KR-3088 Datasheet
58Kb / 3P
3.4 KHz Notch Frequency 2.44 KHz typical 3 dB Bandwidth High Attenuation in Notch
3035 KR-3035 Datasheet
61Kb / 2P
80 MHz Notch Frequency 20 MHz typical 3 dB Bandwidth 50 ??Source and Load
2159-35-50 KR-2159-35-50 Datasheet
53Kb / 3P
3.5 MHz min 3 dB Bandwidth
3142 KR-3142 Datasheet
101Kb / 3P
1 MHz Notch Frequency
3150 KR-3150 Datasheet
97Kb / 3P
1 MHz Notch Frequency
3252-N KR-3252-N Datasheet
83Kb / 3P
3.65 MHz Notch Frequency
3298-10-160 KR-3298-10-160 Datasheet
69Kb / 3P
160 MHz Notch Filter
3298-82-160 KR-3298-82-160 Datasheet
70Kb / 3P
160 MHz Notch Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com