Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3200-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3200-5
Description  Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3200-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC3200-5 Datasheet HTML 1Page - Linear Technology LTC3200-5 Datasheet HTML 2Page - Linear Technology LTC3200-5 Datasheet HTML 3Page - Linear Technology LTC3200-5 Datasheet HTML 4Page - Linear Technology LTC3200-5 Datasheet HTML 5Page - Linear Technology LTC3200-5 Datasheet HTML 6Page - Linear Technology LTC3200-5 Datasheet HTML 7Page - Linear Technology LTC3200-5 Datasheet HTML 8Page - Linear Technology LTC3200-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3245
2
3245f
For more information www.linear.com/LTC3245
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN, SEL1, SEL2, BURST ............................ –0.3V to 38V
VOUT, OUTS/ADJ, PGOOD ............................ –0.3V to 6V
IPGOOD......................................................................2mA
VOUT Short-Circuit Duration............................. Indefinite
(Note 1)
12
11
10
9
8
7
1
2
3
4
5
6
GND
C–
VOUT
C+
PGOOD
OUTS/ADJ
VIN
VIN
VIN
BURST
SEL1
SEL2
TOP VIEW
DE PACKAGE
12-LEAD (3mm
× 4mm) PLASTIC DFN
13
GND
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB GND
1
2
3
4
5
6
VIN
VIN
VIN
BURST
SEL1
SEL2
12
11
10
9
8
7
GND
C–
VOUT
C+
PGOOD
OUTS/ADJ
TOP VIEW
13
GND
MSE PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 40°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB GND
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3245EDE#PBF
LTC3245EDE#TRPBF
3245
12-Lead (3mm
× 4mm) Plastic DFN
–40°C to 125°C
LTC3245IDE#PBF
LTC3245IDE#TRPBF
3245
12-Lead (3mm
× 4mm) Plastic DFN
–40°C to 125°C
LTC3245EMSE#PBF
LTC3245EMSE#TRPBF
3245
12-Lead Plastic MSOP
–40°C to 125°C
LTC3245IMSE#PBF
LTC3245IMSE#TRPBF
3245
12-Lead Plastic MSOP
–40°C to 125°C
LTC3245HMSE#PBF
LTC3245HMSE#TRPBF
3245
12-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Input Voltage Range
l
2.7
38
V
VUVLO
VIN Undervoltage Lockout Threshold
VIN Rising
VIN Falling
l
2.4
2.2
2.7
V
V
Operating Junction Temperature Range (Notes 2, 3)
(E-/I-Grade)........................................ –40°C to 125°C
(H-Grade)........................................... –40°C to 150°C
(MP-Grade)........................................ –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
(MSE Only) ...........................................................300°C
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C, (Note 2). VIN = 12V, VOUT = 5V, CFLY = 1µF unless otherwise
noted.
elecTrical characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com