Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3441 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3441
Description  Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3441 Datasheet(HTML) 3 Page - Linear Technology

  LTC3441 Datasheet HTML 1Page - Linear Technology LTC3441 Datasheet HTML 2Page - Linear Technology LTC3441 Datasheet HTML 3Page - Linear Technology LTC3441 Datasheet HTML 4Page - Linear Technology LTC3441 Datasheet HTML 5Page - Linear Technology LTC3441 Datasheet HTML 6Page - Linear Technology LTC3441 Datasheet HTML 7Page - Linear Technology LTC3441 Datasheet HTML 8Page - Linear Technology LTC3441 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3245
3
3245f
For more information www.linear.com/LTC3245
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. This IC has overtemperature protection that is
intended to protect the device during momentary overload conditions.
Junction temperatures will exceed 150°C when overtemperature is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 2: The LTC3245E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 125°C operating junction
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3245I is guaranteed over the –40°C
to 125°C operating junction temperature range. The LTC3245H is guaranteed
over the –40°C to 150°C operating junction temperature range. High junction
temperatures degrade operating lifetimes; operating lifetime is derated for
junction temperatures greater than 125°C. Note that the maximum ambient
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C, (Note 2). VIN = 12V, VOUT = 5V, CFLY = 1µF unless otherwise
noted.
temperature consistent with these specifications is determined by specific
operating conditions in conjunction with board layout, the rated package
thermal resistance and other environmental factors.
Note 3: The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA, in °C) and power dissipation (PD, in Watts) according to
the formula:
TJ = TA + (PD • θJA) where θJA (in °C/W) is the package thermal
impedance.
Note 4: VOUT programming range is from 2.5V to 5V. See the
Programming the Output Voltage section for more detail.
Note 5: The maximum operating junction temperature of 150°C must be
followed. Certain combinations of input voltage and output current will
cause the junction temperature to exceed 150°C and must be avoided. See
Thermal Management section for information on calculating maximum
operating conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVIN
VIN Quiescent Current
SEL1 = SEL2 = 0V
VOUT Enabled, BURST = 0V
VOUT Enabled, BURST = VIN
Shutdown, VOUT = 0V
CP Enabled, Output in Regulation
CP Enabled, Output in Regulation
4
18
20
8
35
40
µA
µA
µA
VOUT5_BM
Fixed 5V Burst Mode Output Regulation
(OUTS/ADJ Connected to VOUT,
BURST = 0V, SEL2 = VIN, SEL1 = VIN)
(Note 5)
5V ≤ VIN < 38V, IOUT ≤ 250mA
4V ≤ VIN < 5V, IOUT ≤ 150mA
3.3V ≤ VIN < 4V, IOUT ≤ 75mA
3V ≤ VIN < 3.3V, IOUT ≤ 45mA
l
l
l
l
4.8
4.8
4.8
4.8
5.2
5.2
5.2
5.2
V
V
V
V
VOUT5_LN
Fixed 5V Low Noise Output Regulation
(OUTS/ADJ Connected to VOUT,
BURST = VIN, SEL2 = VIN, SEL1 = VIN)
(Note 5)
5V ≤ VIN < 38V, IOUT ≤ 200mA
4V ≤ VIN < 5V, IOUT ≤ 120mA
3.3V ≤ VIN < 4V, IOUT ≤ 60mA
3V ≤ VIN < 3.3V, IOUT ≤ 35mA
l
l
l
l
4.8
4.8
4.8
4.8
5.2
5.2
5.2
5.2
V
V
V
V
VOUT33_BM
Fixed 3.3V Burst Mode Output Regulation
(OUTS/ADJ Connected to VOUT,
BURST = 0V, SEL2 = VIN, SEL1 = VIN)
(Note 5)
5V ≤ VIN < 38V, IOUT ≤ 250mA
4V ≤ VIN < 5V, IOUT ≤ 175mA
3.3V ≤ VIN < 4V, IOUT ≤ 110mA
2.7V ≤ VIN < 3.3V, IOUT ≤ 60mA
l
l
l
l
3.17
3.17
3.17
3.17
3.43
3.43
3.43
3.43
V
V
V
V
VOUT33_LN
Fixed 3.3V Low Noise Output Regulation
(OUTS/ADJ Connected to VOUT,
BURST = VIN, SEL2 = VIN, SEL1 = VIN)
(Note 5)
5V ≤ VIN < 38V, IOUT ≤ 220mA
4V ≤ VIN < 5V, IOUT ≤ 140mA
3.3V ≤ VIN < 4V, IOUT ≤ 90mA
2.7V ≤ VIN < 3.3V, IOUT ≤ 50mA
l
l
l
l
3.17
3.17
3.17
3.17
3.43
3.43
3.43
3.43
V
V
V
V
VADJ
OUTS/ADJ Reference Voltage (Note 4)
SEL2 = 0V, SEL1 = VIN, IOUT = 0mA
l
1.176
1.200
1.224
V
RCL
Load Regulation (Referred to ADJ)
SEL2 = 0V, SEL1 = VIN
0.2
mV/mA
VPG_RISE
PGOOD Rising Threshold
VOUT% of Final Regulation Voltage
95
98
%
VPG_FALL
PGOOD Falling Threshold
VOUT% of Final Regulation Voltage
88
91
%
VPG_LOW
PGOOD Output Low Voltage
IPGOOD = 0.2mA
l
0.1
0.4
V
IPG_HIGH
PGOOD Output High Leakage
VPGOOD = 5V
–1
0
1
µA
VLOW
BURST, SEL1, SEL2 Input Voltage
l
0.4
0.9
V
VHIGH
BURST, SEL1, SEL2 input Voltage
l
1.2
2
V
ILOW
BURST, SEL1, SEL2 Input Current
VPIN = 0V
–1
0
1
µA
IHIGH
BURST, SEL1, SEL2 Input Current
VPIN = 38V
0.5
1
3
µA
ISHORT_CKT
IVOUT Short-Circuit Current
VOUT = GND
900
mA
ROUT
Charge Pump Output Impedance
2:1 Step-Down Mode
1:1 Step-Down Mode
1:2 Step-Up Mode (VIN = 3.3V)
3
3.5
14
Ω
Ω
Ω
fOSC
Oscillator Frequency
l
450
500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com