Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3621 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3621
Description  17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3621 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3621 Datasheet HTML 8Page - Linear Technology LTC3621 Datasheet HTML 9Page - Linear Technology LTC3621 Datasheet HTML 10Page - Linear Technology LTC3621 Datasheet HTML 11Page - Linear Technology LTC3621 Datasheet HTML 12Page - Linear Technology LTC3621 Datasheet HTML 13Page - Linear Technology LTC3621 Datasheet HTML 14Page - Linear Technology LTC3621 Datasheet HTML 15Page - Linear Technology LTC3621 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3621/LTC3621-2
16
3621f
For more information www.linear.com/LTC3621
LINEAR TECHNOLOGY CORPORATION 2013
LT 0313 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3621
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC3646/
LTC3646-1
40V, 1A (IOUT), 3MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4V to 40V, VOUT(MIN) = 0.6V, IQ = 140µA, ISD < 8µA,
3mm
× 4mm DFN-14, MSOP-16E Packages
LTC3600
1.5A, 15V, 4MHz Synchronous Rail-to-Rail Single
Resistor Step-Down Regulator
95% Efficiency, VIN: 4V to 15V, VOUT(MIN) = 0V, IQ = 700µA, ISD < 1µA,
3mm
× 3mm DFN-12, MSOP-12E Packages
LTC3601
15V, 1.5A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 300µA, ISD < 1µA,
4mm
× 4mm QFN-20, MSOP-16E Packages
LTC3603
15V, 2.5A (IOUT) 3MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 75µA, ISD < 1µA,
4mm
× 4mm QFN-20, MSOP-16E Packages
LTC3633/
LTC3633A
15V, Dual 3A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 3.6V to 15V, VOUT(MIN) = 0.6V, IQ = 500µA, ISD < 15µA,
4mm
× 5mm QFN-28, TSSOP-28E Packages. A Version Up to 20VIN
LTC3605/
LTC3605A
15V, 5A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4V to 15V, VOUT(MIN) = 0.6V, IQ = 2mA, ISD < 15µA,
4mm
× 4mm QFN-24 Package. A Version Up to 20VIN
LTC3604
15V, 2.5A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 3.6V to 15V, VOUT(MIN) = 0.6V, IQ = 300µA, ISD < 14µA,
3mm
× 3mm QFN-16, MSOP-16E Packages
LTC1877
600mA (IOUT) 550kHz Synchronous Step-Down
DC/DC Converter
VIN: 2.7V to 10V, VOUT(MIN) = 0.8V, IO = 10µA, ISD < 1µA, MSOP-8 Package
LT8610/LT8611
42V, 2.5A (IOUT) Synchronous Step-Down
DC/DC Converter
96% Efficiency, VIN: 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
R3
187k
CFB
22pF
C1
1µF
COUT
22µF
3621 TA02
L1
3.3µH
VOUT
5V
R4
25.5k
VIN
RUN
SW
VIN
12V
LTC3621-2
GND
FB
MODE
INTVCC
CIN
10µF
5VOUT with 400mA Burst Mode Operation, 2.25MHz
1.2VOUT, Forced Continuous Mode, 1MHz
C3
22pF
C1
1µF
C2
22µF
1.2V
2.7V TO 17V
3621 TA03
L1
3.3µH
R5
604k
1V
VIN
RUN
SW
LTC3621
GND
FB
MODE
INTVCC
C3
10µF
R1
604k
V
VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com