Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3589 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3589
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 10Page - Linear Technology LTC3589 Datasheet HTML 11Page - Linear Technology LTC3589 Datasheet HTML 12Page - Linear Technology LTC3589 Datasheet HTML 13Page - Linear Technology LTC3589 Datasheet HTML 14Page - Linear Technology LTC3589 Datasheet HTML 15Page - Linear Technology LTC3589 Datasheet HTML 16Page - Linear Technology LTC3589 Datasheet HTML 17Page - Linear Technology LTC3589 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTC3375
14
3375fa
For more information www.linear.com/3375
pin FuncTions
EN8 (Pin 37): Buck Regulator 8 Enable Input. Active high.
EN7 (Pin 38): Buck Regulator 7 Enable Input. Active high.
WDO (Pin 39): Watchdog Timer Output. Open-drain
output. WDO is pulled low for 200ms during a watchdog
timer failure.
WDI (Pin 40): Watchdog Timer Input. The WDI pin must
be toggled either low to high or high to low every 1.5
seconds. Failure to toggle WDI results in the WDO pin
being pulled low for 200ms.
VCC (Pin 41): Always-On LDO Output Voltage/Internal
Bias Supply. When used as a regulator, VCC should be
connected to the emitter/source of the external LDO NPN/
NFET transistor. VCC serves as a low voltage rail that may
be used to provide power to external circuitry, and is
also used to power the internal top level circuitry of the
LTC3375. Alternatively the VCC pin may be connected to
a 2.7V to 5.5V external power supply. In this case FBVCC
and VSHNT should be tied to ground.
FBVCC (Pin 42): Always-On LDO Feedback Pin. Receives
feedback by a resistor divider connected across VCC.
VSHNT (Pin 43): Shunt Regulator Base Control Voltage.
VSHNT should be connected to the base/gate of an external
highvoltageNPN/NFETtransistorandtoitscollector/drain
through a resistor.
TEMP (Pin 44): Temperature Indication Pin. TEMP out-
puts a voltage of 150mV (typical) at room temperature.
The TEMP voltage will change by 6.75mV/°C (typical)
giving an external indication of the LTC3375 internal die
temperature.
SCL (Pin 45): Serial Clock Line for I2C Port.
SDA (Pin 46): Serial Data Line for I2C Port. Open-drain
output during read back.
EN2 (Pin 47): Buck Regulator 2 Enable Input. Active high.
EN1 (Pin 48): Buck Regulator 1 Enable Input. Active high.
GND (Exposed Pad Pin 49): Ground. The exposed pad
must be connected to a continuous ground plane on the
printedcircuitboarddirectlyundertheLTC3375forelectri-
cal contact and rated thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com