Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3633A Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3633A
Description  17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633A Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3633A Datasheet HTML 7Page - Linear Technology LTC3633A Datasheet HTML 8Page - Linear Technology LTC3633A Datasheet HTML 9Page - Linear Technology LTC3633A Datasheet HTML 10Page - Linear Technology LTC3633A Datasheet HTML 11Page - Linear Technology LTC3633A Datasheet HTML 12Page - Linear Technology LTC3633A Datasheet HTML 13Page - Linear Technology LTC3633A Datasheet HTML 14Page - Linear Technology LTC3633A Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3621/LTC3621-2
11
3621f
For more information www.linear.com/LTC3621
applicaTions inForMaTion
produce the most improvement. Percent efficiency can
be expressed as:
% Efficiency = 100% – (L1 + L2 + L3 +…)
where L1, L2, etc. are the individual losses as a percent-
age of input power. Although all dissipative elements in
the circuit produce losses, three main sources usually
account for most of the losses in LTC3621 circuits: 1) I2R
losses, 2) switching and biasing losses, 3) other losses.
1. I2R losses are calculated from the DC resistances of
the internal switches, RSW, and external inductor, RL.
In continuous mode, the average output current flows
through inductor L but is “chopped” between the
internal top and bottom power MOSFETs. Thus, the
series resistance looking into the SW pin is a function
of both top and bottom MOSFET RDS(ON) and the duty
cycle (DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
TheRDS(ON)forboththetopandbottomMOSFETscanbe
obtained from the Typical Performance Characteristics
curves. Thus to obtain I2R losses:
I2R losses = IOUT2(RSW + RL)
Table 1. Inductor Selection Table
INDUCTOR
INDUCTANCE
(µH)
DCR
(mΩ)
MAX CURRENT
(A)
DIMENSIONS
(mm)
HEIGHT
(mm)
MANUFACTURER
IHLP-1616BZ-11 Series
1.0
2.2
4.7
24
61
95
4.5
3.25
1.7
4.3 × 4.7
4.3 × 4.7
4.3 × 4.7
2
2
2
Vishay
www.vishay.com
IHLP-2020BZ-01 Series
1
2.2
3.3
4.7
5.6
6.8
18.9
45.6
79.2
108
113
139
7
4.2
3.3
2.8
2.5
2.4
5.4 × 5.7
5.4 × 5.7
5.4 × 5.7
5.4 × 5.7
5.4 × 5.7
5.4 × 5.7
2
2
2
2
2
2
FDV0620 Series
1
2.2
3.3
4.7
18
37
51
68
5.7
4
3.2
2.8
6.7 × 7.4
6.7 × 7.4
6.7 × 7.4
6.7 × 7.4
2
2
2
2
Toko
www.toko.com
MPLC0525L Series
1
1.5
2.2
16
24
40
6.4
5.2
4.1
6.2 × 5.4
6.2 × 5.4
6.2 × 5.4
2.5
2.5
2.5
NEC/Tokin
www.nec-tokin.com
HCP0703 Series
1
1.5
2.2
3.3
4.7
6.8
8.2
9
14
18
28
37
54
64
11
9
8
6
5.5
4.5
4
7 × 7.3
7 × 7.3
7 × 7.3
7 × 7.3
7 × 7.3
7 × 7.3
7 × 7.3
3
3
3
3
3
3
3
Cooper Bussmann
www.cooperbussmann.com
RLF7030 Series
1
1.5
2.2
3.3
4.7
6.8
8.8
9.6
12
20
31
45
6.4
6.1
5.4
4.1
3.4
2.8
6.9 × 7.3
6.9 × 7.3
6.9 × 7.3
6.9 × 7.3
6.9 × 7.3
6.9 × 7.3
3.2
3.2
3.2
3.2
3.2
3.2
TDK
www.tdk.com
WE-TPC 4828 Series
1.2
1.8
2.2
2.7
3.3
3.9
4.7
17
20
23
27
30
47
52
3.1
2.7
2.5
2.35
2.15
1.72
1.55
4.8 × 4.8
4.8 × 4.8
4.8 × 4.8
4.8 × 4.8
4.8 × 4.8
4.8 × 4.8
4.8 × 4.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
Würth Elektronik
www.we-online.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com