Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3604 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3604
Description  17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3604 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3604 Datasheet HTML 2Page - Linear Technology LTC3604 Datasheet HTML 3Page - Linear Technology LTC3604 Datasheet HTML 4Page - Linear Technology LTC3604 Datasheet HTML 5Page - Linear Technology LTC3604 Datasheet HTML 6Page - Linear Technology LTC3604 Datasheet HTML 7Page - Linear Technology LTC3604 Datasheet HTML 8Page - Linear Technology LTC3604 Datasheet HTML 9Page - Linear Technology LTC3604 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3621/LTC3621-2
6
3621f
For more information www.linear.com/LTC3621
pin FuncTions (DFN/MSOP)
block DiagraM
SW (Pin 1/Pin 1): Switch Node Connection to the Inductor
of the Step-Down Regulator.
VIN(Pin2/Pin2):InputVoltageoftheStep-DownRegulator.
RUN (Pin 3/Pin 3): Logic Controlled RUN Input. Do not
leave this pin floating. Logic high activates the step-down
regulator.
FB (Pin 4/Pin 5): Feedback Input to the Error Amplifier
of the Step-Down Regulator. Connect a resistor divider
tap to this pin. The output voltage can be adjusted from
0.6V to VIN by:
VOUT = 0.6V • [1 + (R1/R2)]
PGOOD (Pin 4, MSOP Package Only): VOUT within Regu-
lation Indicator.
INTVCC(Pin5/Pin6):LowDropoutRegulator.Bypasswith
at least 1µF to Ground.
MODE (Pin 6/Pin 7): Burst Mode Select of the Step-Down
Regulator. Tie MODE to INTVCC for Burst Mode operation
with a 400mA peak current clamp, tie MODE to GND for
pulse skipping operation, and tie MODE to a voltage be-
tween 1V and VINTVCC – 1V for forced continuous mode.
GND (Exposed Pad Pin 7/Pin 9): Ground Backplane for
PowerandSignalGround.MustbesolderedtoPCBground.
SGND (Pin 8, MSOP Package Only): Signal Ground.
–
+
–
+
–
+
+
V
ERROR
AMPLIFIER
BURST
AMPLIFIER
MAIN
I-COMPARATOR
–
+
–
+
OVERCURRENT
COMPARATOR
REVERSE
COMPARATOR
0.6V
FB
MODE
RUN
PGOOD
INTVCC
CLK
VIN – 5V
SW
GND
3621 BD
VIN
INTVCC
OSCILLATOR
LDO
MS8E PACKAGE ONLY
BUCK
LOGIC
AND
GATE DRIVE
SLOPE
COMPENSATION
0.8ms
SOFT-START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com