Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MW173KB1503F01 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MW173KB1503F01
Description  Medical Switch-Mode Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MW173KB1503F01 Datasheet(HTML) 2 Page - SL Power Electronics

  MW173KB1503F01 Datasheet HTML 1Page - SL Power Electronics MW173KB1503F01 Datasheet HTML 2Page - SL Power Electronics MW173KB1503F01 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
______________________________________________________________________________________________________________________________ 2 of 3
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
Product Family
K
Manufacturing Location
B
Design Revision Changes
05
Output Voltage: 05=5V, 09=9V, 12=12V, 15=15V, 18=18V, 24=24V, 48=48V.
03
Output Connector. "03" connector is standard. See below. Other output connectors
available. Contact the factory for more details
Model Number Key
F
Input Receptacle. See Below for options. "F" receptacle (IEC320, C14 type,
grounded) is standard.
01
Modification Designator. "01" is standared part, "02" and higher denotes a modified
model.
MW173
OUTPUT PARAMETERS
Model Number
Volts (V)
Output Current (max)
Max Watts
Ripple (Vp-p max)
MW173KB0503F01
5 V
4.00 A
20.0 W
50mV
MW173KB0603F01
7.5 V
3.00 A
22.5 W
75mV
MW173KB0903F01
9 V
3.00 A
27.0 W
90mV
MW173KB1203F01
12 V
2.50 A
30.0 W
120mV
MW173KB1503F01
15 V
2.00 A
30.0 W
150mV
MW173KB1803F01
18 V
1.67 A
30.0 W
180mV
MW173KB2403F01
24 V
1.33 A
32.0 W
240mV
Note: Part numbers above include #3 output connector and IEC320 C14 grounded input receptacle. See below for other options.
Wall-Plug
IEC320 - C14
IEC320 - C18
IEC320 - C8
N. Am erica
Class I
Class II
Class II
Japan
Grounded
Ungro unde d
"Shaver"
F ixe d
(F)
(Q)
(N)
(B)
Desktop
AC Input Receptacle Options
MW173KB
Universal 20-32 Watt Series
Medical Switch Mode Power Supply
3 Year Warranty



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com