Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT50GF120LR Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT50GF120LR
Description  The Fast IGBT is a new generation of high voltage power IGBTs.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT50GF120LR Datasheet(HTML) 2 Page - Advanced Power Technology

  APT50GF120LR Datasheet HTML 1Page - Advanced Power Technology APT50GF120LR Datasheet HTML 2Page - Advanced Power Technology APT50GF120LR Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Symbol
Cies
Coes
Cres
Qg
Qge
Qgc
td(on)
tr
td(off)
tf
td(on)
tr
td(off)
tf
Eon
Eoff
Ets
td(on)
tr
td(off)
tf
Ets
gfe
DYNAMIC CHARACTERISTICS
UNIT
°C/W
lb•in
MIN
TYP
MAX
0.32
40
10
Characteristic
Junction to Case
Junction to Ambient
Mounting Torque using a 6-32 or 3mm Binding Head Machine Screw
Symbol
RΘJC
RΘJA
Torque
THERMAL CHARACTERISTICS
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Emitter Charge
Gate-Collector ("Miller ") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Turn-on Switching Energy
Turn-off Switching Energy
Total Switching Losses
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Total Switching Losses
Forward Transconductance
MIN
TYP
MAX
3450
4850
330
500
230
350
330
450
30
50
205
290
55
245
155
275
45
75
100
150
540
810
40
80
7.0
7.0
14.0
50
115
480
40
12.0
8
UNIT
pF
nC
ns
ns
mJ
ns
mJ
S
1
Repetitive Rating: Pulse width limited by maximum junction temperature.
2
I
C = IC2, VCC = 50V, RGE = 25Ω, L = 68µH, Tj = 25°C
3
See MIL-STD-750 Method 3471
4
The maximum current is limited by lead temperature.
APT Reserves the right to change, without notice, the specifications and information contained herein.
Test Conditions
Capacitance
VGE = 0V
VCE = 25V
f = 1 MHz
Gate Charge
VGE = 15V
VCC = 0.50VCES
IC = IC2
Resistive Switching (25
°C)
VGE = 15V
VCC = 0.80VCES
IC = IC2
RG = 10Ω
Inductive Switching (150
°C)
VCLAMP(Peak) = 0.66VCES
VGE = 15V
IC = IC2
RG = 10Ω
TJ = +150°C
Inductive Switching (25
°C)
VCLAMP(Peak) = 0.66VCES
VGE = 15V
IC = IC2
RG = 10Ω
TJ = +25°C
VCE = 20V, IC = IC2
APT50GF120B2R/LR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com