Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT50M50JFLL Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT50M50JFLL
Description  Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT50M50JFLL Datasheet(HTML) 2 Page - Advanced Power Technology

  APT50M50JFLL Datasheet HTML 1Page - Advanced Power Technology APT50M50JFLL Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APT's devices are covered by one or more of the following U.S.patents: 4,895,810
5,045,903
5,089,434
5,182,234
5,019,522
5,262,336
5,256,583
4,748,103
5,283,202
5,231,474
5,434,095
5,528,058
SOT-227 (ISOTOP®) Package Outline
31.5 (1.240)
31.7 (1.248)
Dimensions in Millimeters and (Inches)
7.8 (.307)
8.2 (.322)
30.1 (1.185)
30.3 (1.193)
38.0 (1.496)
38.2 (1.504)
14.9 (.587)
15.1 (.594)
11.8 (.463)
12.2 (.480)
8.9 (.350)
9.6 (.378)
Hex Nut M4
(4 places)
0.75 (.030)
0.85 (.033)
12.6 (.496)
12.8 (.504)
25.2 (0.992)
25.4 (1.000)
1.95 (.077)
2.14 (.084)
* Source
Drain
Gate
*
r = 4.0 (.157)
(2 places)
4.0 (.157)
4.2 (.165)
(2 places)
W=4.1 (.161)
W=4.3 (.169)
H=4.8 (.187)
H=4.9 (.193)
(4 places)
3.3 (.129)
3.6 (.143)
* Source
Source terminals are shorted
internally. Current handling
capability is equal for either
Source terminal.
ADV
ANCE
TECHNICAL
INFORMA
TION
DYNAMIC CHARACTERISTICS
APT50M50JFLL
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Characteristic / Test Conditions
Continuous Source Current (Body Diode)
Pulsed Source Current 1 (Body Diode)
Diode Forward Voltage 2 (VGS = 0V, IS = -ID [Cont.])
Peak Diode Recovery dv/dt 5
Reverse Recovery Time
(IS = -ID [Cont.], di/dt = 100A/µs)
Reverse Recovery Charge
(IS = -ID [Cont.], di/dt = 100A/µs)
Peak Recovery Current
(IS = -ID [Cont.], di/dt = 100A/µs)
Symbol
IS
ISM
VSD
dv/
dt
trr
Qrr
IRRM
UNIT
Amps
Volts
V/ns
ns
µC
Amps
Symbol
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
t r
td(off)
t f
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller ") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Test Conditions
VGS = 0V
VDS = 25V
f = 1 MHz
VGS = 10V
VDD = 0.5 VDSS
ID = ID [Cont.] @ 25°C
VGS = 15V
VDD = 0.5 VDSS
ID = ID [Cont.] @ 25°C
RG = 0.6W
MIN
TYP
MAX
9840
2030
153
246
65
112
24
22
56
8
UNIT
pF
nC
ns
MIN
TYP
MAX
71
284
1.3
15
Tj = 25°C
300
Tj = 125°C
600
Tj = 25°C
2.6
Tj = 125°C
10
Tj = 25°C
17
Tj = 125°C
34
THERMAL CHARACTERISTICS
Symbol
RqJC
RqJA
MIN
TYP
MAX
0.21
40
UNIT
°C/W
Characteristic
Junction to Case
Junction to Ambient
1 Repetitive Rating: Pulse width limited by maximum junction
3 See MIL-STD-750 Method 3471
temperature.
4 Starting Tj = +25°C, L = 1.27mH, RG = 25W, Peak IL = 71A
2 Pulse Test: Pulse width < 380 µs, Duty Cycle < 2%
5dv/
dt numbers reflect the limitations of the test circuit rather than the
device itself. I
S £
-I
D
[Cont.]
di/
dt £ 700A/µs
V
R £
V
DSS
T
J £
150
°C
APT Reserves the right to change, without notice, the specifications and information contained herein.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com