Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML61 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML61
Description  Positive Voltage Detector CMOS Low Power Consumption : Typical 1.0uA at Vin=2.0V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML61 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML61_09 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
P1/13
Rev. H, August 2009
ML61
ML61 Series Positive Voltage Detector
Application
Memory Battery Back-up Circuits
Microprocessor Reset Circuitry
Power Failure Detection
Power-on Reset Circuit
System Battery Life and Charge Voltage
Monitor
Features
CMOSLowPowerConsumption:Typical1.0uAat
Vin=2.0V
SelectableDetectVoltage :1.1Vto7.0Vin 0.1Vincrements
HighlyAccurate: DetectVoltage1.1Vto1.9V+3%
DetectVoltage2.0Vto7.0V+2%
OperatingVoltage: 0.8Vto10.0V
PackageAvailable: SOT23(150mW),SOT89 (500mW)
&TO92 (300mW)
General Description
The ML61 is a group of high-precision and low-power voltage detectors.
The ML61 consists of a highly-accurate and low-power reference voltage source, a comparator,
a hysteresis circuit, and an output driver. Detect voltage is very accurate and stable with
N-channel open drain and CMOS, are available.
Block Diagram
(1) CMOS Output
(2) N-Channel Open Drain Output
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
10
V
Output Current
IOUT
50
mA
Output Voltage
VOUT
VSS-0.3 ~VIN+0.3
V
SOT-23
150
SOT-89
500
Continuous
Total Power
Dissipation
TO-92
Pd
300
mW
Operating Ambient
Temperature
Topr
-40 ~ +70
oC
Storage Temperature
Tstg
-40 ~ +70
oC


Similar Part No. - ML61_09

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML6190A OKI-ML6190A Datasheet
109Kb / 11P
Longwave Time Code RF Receiver LSI
ML6190B OKI-ML6190B Datasheet
108Kb / 11P
Longwave Time Code RF Receiver LSI
ML6190BMB OKI-ML6190BMB Datasheet
108Kb / 11P
Longwave Time Code RF Receiver LSI
logo
List of Unclassifed Man...
ML61Q0409 ETC2-ML61Q0409 Datasheet
578Kb / 33P
8-bit Microcontroller with a Built-in LCD driver
ML61Q0409 ETC2-ML61Q0409 Datasheet
427Kb / 34P
8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML61_09

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML62 MINILOGIC-ML62 Datasheet
367Kb / 12P
Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641 Datasheet
210Kb / 15P
54mW typical power consumption
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
Wide VIN Voltage Detector
logo
Raltron Electronics Cor...
CMC252 RALTRON-CMC252 Datasheet
731Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
CMC702 RALTRON-CMC702 Datasheet
731Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
Ultra Small, Low Power Consumption Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com