Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML62 Datasheet(PDF) 4 Page - Minilogic Device Corporation Limited

Part # ML62
Description  Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML62 Datasheet(HTML) 4 Page - Minilogic Device Corporation Limited

  ML62 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML62 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML62 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML62 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML62 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML62 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML62 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML62 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML62 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
P4/12
Rev. G, July 2005
ML62
Electrical Characteristics by Output Voltage
Conditions
MIN.
TYP.
MAX.
Conditions
MIN.
Conditions
TYP. MAX.
Conditions
TYP. MAX.
ML62113
1.067
1.100
1.133
ML62123
1.164
1.200
1.236
ML62133
1.261
1.300
1.339
ML62143
1.358
1.400
1.442
ML62153
1.455
1.500
1.545
ML62163
1.552
1.600
1.648
ML62173
1.649
1.700
1.751
ML62183
1.746
1.800
1.854
ML62193
1.843
1.900
1.957
ML62202
1.960
2.000
2.040
ML62212
2.058
2.100
2.142
ML62222
2.156
2.200
2.244
ML62232
2.254
2.300
2.346
ML62242
2.352
2.400
2.448
ML62252
2.450
2.500
2.550
ML62262
2.548
2.600
2.652
ML62272
2.646
2.700
2.754
ML62282
2.744
2.800
2.856
ML62292
2.842
2.900
2.958
ML62302
2.940
3.000
3.060
ML62312
3.038
3.100
3.162
ML62322
3.136
3.200
3.264
ML62332
3.234
3.300
3.366
ML62342
3.332
3.400
3.468
ML62352
3.430
3.500
3.570
ML62362
3.528
3.600
3.672
ML62372
3.626
3.700
3.774
ML62382
3.724
3.800
3.876
ML62392
3.822
3.900
3.978
ML62402
3.920
4.000
4.080
ML62412
4.018
4.100
4.182
ML62422
4.116
4.200
4.284
ML62432
4.214
4.300
4.386
ML62442
4.312
4.400
4.488
ML62452
4.410
4.500
4.590
ML62462
4.508
4.600
4.692
ML62472
4.606
4.700
4.794
ML62482
4.704
4.800
4.896
ML62492
4.802
4.900
4.998
ML62502
4.900
5.000
5.100
ML62512
4.998
5.100
5.202
ML62522
5.096
5.200
5.304
ML62532
5.194
5.300
5.406
ML62542
5.292
5.400
5.508
ML62552
5.390
5.500
5.610
ML62562
5.488
5.600
5.712
ML62572
5.586
5.700
5.814
ML62582
5.684
5.800
5.916
ML62592
5.782
5.900
6.018
ML62602
5.880
6.000
6.120
450
250
IOUT=40mA
Part Number
Output voltage
VOUT(V)
I-O Voltage Differential
Vdif1(mV)
Max Output Current
IOUT max(mA)
Load Stability
∆
∆
∆
∆ VOUT(mV)
90
VIN=VOUT+1V
1mA<IOUT<100mA
40
80
45
90
90
150
VIN= VOUT(T)+1V
1mA<IOUT<80mA
100
45
180
450
IOUT=80mA
180
450
170
400
45
IOUT=60mA
IOUT=100mA
120
400
IOUT=90mA
IOUT=40mA
VIN=VOUT(T)+1V
VIN=VOUT(T)+1V
VOUT(E)>
VOUT(T)*0.9
80
VIN=VOUT(T)+1V
1mA<IOUT<40mA
VIN=VOUT(T)+1V
1mA<IOUT<100mA
VIN=VOUT(T)+1V
1mA<IOUT<60mA
200
250
IOUT=20mA
250
450
IOUT=30mA
250
450
45
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com