Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML62113 Datasheet(PDF) 5 Page - Minilogic Device Corporation Limited

Part # ML62113
Description  Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML62113 Datasheet(HTML) 5 Page - Minilogic Device Corporation Limited

  ML62113 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML62113 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML62113 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML62113 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML62113 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML62113 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML62113 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML62113 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML62113 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
P5/12
Rev. G, July 2005
ML62
Input Voltage
VIN(V)
Conditions
TYP. MAX.
Conditions
TYP. MAX.
Conditions
TYP. MAX.
MAX.
ML62113
ML62123
ML62133
ML62143
ML62153
ML62163
ML62173
ML62183
ML62193
ML62202
ML62212
ML62222
ML62232
ML62242
ML62252
ML62262
ML62272
ML62282
ML62292
ML62302
ML62312
ML62322
ML62332
ML62342
ML62352
ML62362
ML62372
ML62382
ML62392
ML62402
ML62412
ML62422
ML62432
ML62442
ML62452
ML62462
ML62472
ML62482
ML62492
ML62502
ML62512
ML62522
ML62532
ML62542
ML62552
ML62562
ML62572
ML62582
ML62592
ML62602
IOUT=80mA
450
850
400
750
Part Number
IOUT=40mA
450
850
IOUT=150mA
400
850
IOUT=60mA
4.5
4.5
I-O Voltage Differential
Vdif2(mV)
IOUT=100mA
400
850
IOUT=200mA
ISS(uA)
IOUT=180mA
Supply Current
2.5
4.5
2.0
4.5
Input Stability
∆
∆
∆
∆ VOUT/(∆
∆
∆
∆ VIN*VOUT) (%V)
0.2
0.3
IOUT=40mA
VOUT(T)+1V<VIN<10V
0.2
0.4
450
850
10
VIN=VOUT(T)+1V
2.8
3.0
3.3
380
750
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com