Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6206S Datasheet(PDF) 9 Page - Minilogic Device Corporation Limited

Part # ML6206S
Description  Low ESR Cap. Compatible Positive Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6206S Datasheet(HTML) 9 Page - Minilogic Device Corporation Limited

Back Button ML6206S Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 9Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 10Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 11Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 12Page - Minilogic Device Corporation Limited ML6206S Datasheet HTML 13Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
P9/14
November 2009
ML6206S
10) Power Supply Rejection Ratio
ML6206S153
ML6206S302
Ordering Information
ML6206S
①②③④⑤⑥
Designator
Description
Output Voltage
eg.
30=3.0V
①②
50=5.0V
③
Output Voltage Accuracy
2 = + 2.0%
3 = + 3.0%
④
Package Type
M = SOT-23
P = SOT-89
T = TO-92
⑤
Device Orientation
R = Embossed Tape
(Orientation of Device : Right)
L = Embossed Tape
(Orientation of Device : Left)
B = Bag (TO-92)
H = Paper Tape (TO-92)
⑥
G = ROHS Part
ML6206S302
ML6206S153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com