Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

iAF05020A006V-003-R Datasheet(PDF) 2 Page - TDK Electronics

Part # iAF05020A006V-003-R
Description  20A Non-isolated SMT Point Of Load
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

iAF05020A006V-003-R Datasheet(HTML) 2 Page - TDK Electronics

  iAF05020A006V-003-R Datasheet HTML 1Page - TDK Electronics iAF05020A006V-003-R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
135
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A2: Oct 2012
iAF Series
Outline Drawing
For Additional Information, please visit
us.tdk-lambda.com/lp/products/iaf-series.htm
PIN
Function
PIN
Function
1
ON / OFF
6
TRIM
2
VIN
7
SENSE (+)
3
Reserved
8
Reserved
4
GND
9
PWR GOOD
5
VOUT
10
Reserved
Pinout
Input
Output
Output
Positive Logic
Negative Logic
EPC Solder
Model
Voltage (V)
Current (A) Voltage (V)
On/Off
On/Off
Sequencing
Bumping
iAF05020A006V-003-R
2.4 - 5.5
20
0.6 - 3.63
-
yes
-
yes*
iAF12020A007V-003-R
4.5 -14
20
0.7 - 5.5
-
yes
-
yes*
Model Selector
CC-E
1.5 - 30W 5, 12, 24 or 48V input isolated DC-DC converters
PX
10 - 60W 12, 24 or 48V input isolated DC-DC converters
iBF, iCF, iCG
3 - 12A DOSA2 non isolated DC-DC converters
Other Industrial Products
* For LGA solder bumping specify -007-R module suffix



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com