Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

iAF12020A007V-003-R Datasheet(PDF) 1 Page - TDK Electronics

Part # iAF12020A007V-003-R
Description  20A Non-isolated SMT Point Of Load
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

iAF12020A007V-003-R Datasheet(HTML) 1 Page - TDK Electronics

  iAF12020A007V-003-R Datasheet HTML 1Page - TDK Electronics iAF12020A007V-003-R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
134
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
iAF Series
Features
u DOSA Compatible Footprint
u Surface Mountable
u Constant Switching Frequency
u Edge Plated Castellations (EPC)
- Inspectable Solder Joints
u No external loop tuning components needed
u Excellent Transient Response
20A Non-isolated SMT Point Of Load
Model
iAF05
iAF12
DC Output Voltage
V
0.6 - 3.63
0.7 - 5.5
DC Input Voltage
V
2.4 - 5.5
4.5 - 14
Efficiency
%
85 - 93.5
82 - 93.5
Output Voltage Tolerance
%
±3
Switching Frequency
kHz
600
Line Regulation
mV
4
3
Load Regulation
mV
7
7
External Load Capacitance
uF
200 - 2000
Output Ripple and Noise
mVpp
20
10
Overcurrent Protection
A
Hiccup Type
Remote On / Off
-
Negative Logic (For Positive Logic Contact Factory)
Remote Sense
-
(+) Sense, compensating up to 0.5V
Power Good
-
Not available
Yes, Low on fail
Operating Temp
°C
-40 to 115 (see thermal data on website)
Storage Temperature
°C
-55 to 125
Safety Agency Approvals
-
UL60950-1, CSA 22.2 No.60950-1-03; VDE CB scheme (IEC60950-1, EN60950-1)
Weight
g / oz
5.5g / 0.194 oz
Size (LxWxH)
mm / in.
33 x 13.46 x 7.75 / 1.3 x 0.53 x 0.305
Warranty
yrs
3 years
Specifications
Key Market Segments & Applications


Similar Part No. - iAF12020A007V-003-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IAF12020A007V-006-R TDK-IAF12020A007V-006-R Datasheet
1Mb / 18P
iAF Series ??Non-isolated SMT Power Module
IAF12020A007V-007-R TDK-IAF12020A007V-007-R Datasheet
191Kb / 2P
DC-DC Converters
More results

Similar Description - iAF12020A007V-003-R

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC18T04 ASTEC-APC18T04 Datasheet
327Kb / 13P
3.0-5.5Vin / 18A Non-Isolated Point-of-Load
APC18T12 ASTEC-APC18T12 Datasheet
2Mb / 10P
12Vin / 18A Non-Isolated Point-of-Load
logo
Power Mate Technology C...
DOS10-05T P-DUKE-DOS10-05T Datasheet
219Kb / 3P
Non-isolated Point of load DC/DC converters
DOS10-12T P-DUKE-DOS10-12T Datasheet
220Kb / 3P
Non-isolated Point of load DC/DC converters
DOS30-05T P-DUKE-DOS30-05T Datasheet
250Kb / 3P
Non-isolated Point of load DC/DC converters
logo
RSG Electronic Componen...
DOS06-05T RSG-DOS06-05T Datasheet
205Kb / 3P
Non-isolated Point of load DC/DC converters
DOS06-12T RSG-DOS06-12T Datasheet
203Kb / 3P
Non-isolated Point of load DC/DC converters
logo
TDK Electronics
IBFSERIES TDK-IBFSERIES Datasheet
213Kb / 2P
12A Non-isolated SMT Point Of Load
ICFSERIES TDK-ICFSERIES Datasheet
209Kb / 2P
3A Non-isolated SMT Point Of Load
ICGSERIES TDK-ICGSERIES Datasheet
201Kb / 2P
6A Non-isolated SMT Point Of Load
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com