Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5800-IPM Datasheet(PDF) 13 Page - Linear Technology

Part # LTC5800-IPM
Description  2.4 GHz 802.15.4 EternaTM Mote-on-Chip
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5800-IPM Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC5800-IPM Datasheet HTML 9Page - Linear Technology LTC5800-IPM Datasheet HTML 10Page - Linear Technology LTC5800-IPM Datasheet HTML 11Page - Linear Technology LTC5800-IPM Datasheet HTML 12Page - Linear Technology LTC5800-IPM Datasheet HTML 13Page - Linear Technology LTC5800-IPM Datasheet HTML 14Page - Linear Technology LTC5800-IPM Datasheet HTML 15Page - Linear Technology LTC5800-IPM Datasheet HTML 16Page - Linear Technology LTC5800-IPM Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
A d v a nce d I n fo rm a t i o n
Eterna Datasheet
Linear Technology / Dust Networks
13
Table 1
Eterna Mote-on-Chip Pinout Assignments
No
Power Supply
Type
I/O
Pull
Description
P
GND
Power
-
-
Ground connection P = QFN Paddle
2
CAP_PA_1P
Power
-
-
PA DC/DC converter capacitor 1 plus terminal
3
CAP_PA_1M
Power
-
-
PA DC/DC converter capacitor 1 minus terminal
4
CAP_PA_2M
Power
-
-
PA DC/DC converter capacitor 2 minus terminal
5
CAP_PA_2P
Power
-
-
PA DC/DC converter capacitor 2 plus terminal
6
CAP_PA_3P
Power
-
-
PA DC/DC converter capacitor 3 plus terminal
7
CAP_PA_3M
Power
-
-
PA DC/DC converter capacitor 3 minus terminal
8
CAP_PA_4M
Power
-
-
PA DC/DC converter capacitor 4 minus terminal
9
CAP_PA_4P
Power
-
-
PA DC/DC converter capacitor 4 plus terminal
10
VDDPA
Power
-
-
Internal power amplifier power supply
30
VDDA
Power
-
-
Regulated analog supply
31
VCORE
Power
-
-
Regulated core supply
32
VOSC
Power
-
-
Regulated oscillator supply
56
VPRIME
Power
-
-
Internal primary core power supply
57
CAP_PRIME_4P
Power
-
-
Primary DC/DC converter capacitor 4 plus terminal
58
CAP_PRIME_4M
Power
-
-
Primary DC/DC converter capacitor 4 minus terminal
59
CAP_PRIME_3M
Power
-
-
Primary DC/DC converter capacitor 3 minus terminal
60
CAP_PRIME_3P
Power
-
-
Primary DC/DC converter capacitor 3 plus terminal
61
CAP_PRIME_2P
Power
-
-
Primary DC/DC converter capacitor 2 plus terminal
62
CAP_PRIME_2M
Power
-
-
Primary DC/DC converter capacitor 2 minus terminal
63
CAP_PRIME_1M
Power
-
-
Primary DC/DC converter capacitor 1 minus terminal
64
CAP_PRIME_1P
Power
-
-
Primary DC/DC converter capacitor 1 plus terminal
65
VSUPPLY
Power
-
-
Power supply input to Eterna
No
Radio
Type
I/O
Pull
Description
1
RADIO_INHIBIT
1*
I
-
Radio Inhibit
14
ANTENNA
-
-
-
Single-ended antenna port
No
Analog
Type
I/O
Pull
Description
15
AI_0
Analog
I
-
Analog input 0
16
AI_1
Analog
I
-
Analog input 1
17
AI_3
Analog
I
-
Analog input 3
18
AI_2
Analog
I
-
Analog input 2
No
Crystals
Type
I/O
Pull
Description
19
OSC_32K_XOUT
Crystal
I
-
32 kHz crystal xout
20
OSC_32K_XIN
Crystal
I
-
32 kHz crystal xin
28
OSC_20M_XIN
Crystal
I
-
20 MHz crystal xin
29
OSC_20M_XOU
T
Crystal
I
-
20 MHz crystal xout
No
Reset
Type
I/O
Pull
Description
22
RESETn
1
I
UP
Reset, Input, active low
No
JTAG
Type
I/O
Pull
Description
23
TDI
1
I
UP
JTAG test data in
24
TDO
1
O
-
JTAG test data out
25
TMS
1
I
UP
JTAG test mode select
26
TCK
1
I
DOWN
JTAG test clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com